Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5543 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5543
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5543 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5543 Datasheet HTML 22Page - Cirrus Logic CS5543 Datasheet HTML 23Page - Cirrus Logic CS5543 Datasheet HTML 24Page - Cirrus Logic CS5543 Datasheet HTML 25Page - Cirrus Logic CS5543 Datasheet HTML 26Page - Cirrus Logic CS5543 Datasheet HTML 27Page - Cirrus Logic CS5543 Datasheet HTML 28Page - Cirrus Logic CS5543 Datasheet HTML 29Page - Cirrus Logic CS5543 Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
CS5542 CS5543
DS109PP2
27
CS5543 PIN DESCRIPTIONS
CAL[1:0] - Calibration Control (Outputs), Pins 8, 9.
The mode of operation for the CS5542 is selected through the calibration Control pins. See the
table in the pin-out section of the CS5542 data sheet for details.
FSYNC - Frame Sync (Output), Pin 10.
The transition from a low to high level at the CS5542’s input will reset the internal master
timing of the CS5542 and synchronize its data with each output word from the CS5543.
MCLK - Modulator Clock (Output), Pin 11.
The modulator clock output provides the necessary clock for operation of the modulator.
CAPSIZE - Full Scale Input Range Select (Output), Pin 14.
Controls the CAPSIZE input to the CS5542. This determines the size of the sampling capacitor
used by the CS5542.
PDN - Power Down (Output), Pin 15.
When asserted the CS5542 will enter the power-down state.
MDATA[3:0] - Modulator Data Inputs (Inputs), Pins 16, 17, 18, 19.
The tri-level modulator data is input to the CS5543 via MDATA3 - MDATA0 for decimation.
See the table in the pin-out section of the CS5542 data sheet for details.
Test Access Port Pins
TMS -Test Mode Select (Input), Pin 20.
Controls the state-to-state operation of the TAP controller.
TDI - Test Data Input (Input) , Pin 21.
Serially inputs data to the Test Access Port.
TDO - Test Data Output (Output), Pin 22.
Serially outputs data from the Test Access Port.
TCK - Test Clock (Input), Pin 23.
The clock for the Test Access Port, shorted to MCLK
Control Pins
OE - Output Enable (Input), Pin 27.
Enables or disables (tri-states) all output pins on the CS5543.
FEGAIN - Front-End Gain Select (Input), Pin 28.
Selects the Front-End Capacitor Gain Ratio. A full calibration is necessary following any
change to this input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com