Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XAP526 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # XAP526
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAP526 Datasheet(HTML) 4 Page - Renesas Technology Corp

  XAP526 Datasheet HTML 1Page - Renesas Technology Corp XAP526 Datasheet HTML 2Page - Renesas Technology Corp XAP526 Datasheet HTML 3Page - Renesas Technology Corp XAP526 Datasheet HTML 4Page - Renesas Technology Corp XAP526 Datasheet HTML 5Page - Renesas Technology Corp XAP526 Datasheet HTML 6Page - Renesas Technology Corp XAP526 Datasheet HTML 7Page - Renesas Technology Corp XAP526 Datasheet HTML 8Page - Renesas Technology Corp XAP526 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
©2023 Renesas Electronics Corporation
August 20, 2023
XA Datasheet
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the device. These ratings, which are standard values for
Renesas commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature
range.
ESD Compliance
Mechanical Testing
Solder Reflow Profile
Table 3. Absolute Maximum Ratings
Item
Rating
VDD
-0.5 to +5.0V
E/D
-0.5V to VDD + 0.5V
OUT
-0.5V to VDD + 0.5V
Storage Temperature
-55°C to 125°C
Maximum Junction Temperature
125°C
Core Current
65mA maximum
Theta JA
JS6
5.0 × 3.2 × 1.2 mm
89.6 °C/W
JX6
3.2 × 2.5 × 1.0 mm
94.7 °C/W
Theta JB
54.3 °C/W
66.8 °C/W
Human Body Model (HBM)
1000V
Machine Model (MM)
150V
Parameter
Test Method
Mechanical Shock
Drop from 75cm to hardwood surface–3 times.
Mechanical Vibration
10–55Hz, 1.5mm amplitude, 1 minute sweep; 2 hours each in 3 directions (X, Y, Z).
High Temperature Burn-in
Under power at 125°C for 2000 hours.
Hermetic Seal
He pressure: 4 ±1kgf/cm2 2 hour soak.
tP
10 seconds Max within
5°C of 260°C peak
Ramp down not
to exceed 6°C/s
Ramp up 3°C/s Max
120 ±20 seconds
in pre-heating
area
50 ±10
seconds
above 225°C
reflow area
400 seconds MAX from +25°C to 260°C peak
25°C
160°C
180°C
225°C
260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com