Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XAP330 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # XAP330
Description  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAP330 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button XAP330 Datasheet HTML 3Page - Renesas Technology Corp XAP330 Datasheet HTML 4Page - Renesas Technology Corp XAP330 Datasheet HTML 5Page - Renesas Technology Corp XAP330 Datasheet HTML 6Page - Renesas Technology Corp XAP330 Datasheet HTML 7Page - Renesas Technology Corp XAP330 Datasheet HTML 8Page - Renesas Technology Corp XAP330 Datasheet HTML 9Page - Renesas Technology Corp XAP330 Datasheet HTML 10Page - Renesas Technology Corp XAP330 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
©2023 Renesas Electronics Corporation
August 20, 2023
XA Datasheet
AC Electrical Characteristics
Table 9. 3.3V AC Electrical Characteristics
VDD = 3.3V ±5%, TA = -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum Units
F
Output Frequency Range
LVDS.
0.75
—
1350
MHz
LVPECL.
0.75
—
1350
LVCMOS.
0.75
—
250
Frequency Stability
Temperature = -40°C to +85°C.
-25
-50
-100
—
+25
+50
+100
ppm
Temperature = -40°C to +105°C.
-50
-100
—
+50
+100
ppm
Output Load
LVDS.
Differential.
—
100
—
Ω
LVPECL.
VDD - 2.0V.
—
50
—
LVCMOS.
To GND.
—
15
—
pF
TST
Start-up Time
Output valid time after VDD meets minimum
specified level.
—
—
10
ms
tR
Output Rise Time
LVDS.
20% to 80% Vpp.
—
—
400
ps
LVPECL.
—
—
400
LVCMOS.
10% to 90% VDD.
—
—
3
ns
tF
Output Fall Time
LVDS.
80% to 20% Vpp.
—
—
400
ps
LVPECL.
—
—
400
LVCMOS.
90% to 10% VDD.
—
—
3
ns
ODC
Output Clock Duty Cycle
LVDS.
45
—
55
%
LVPECL.
45
—
55
LVCMOS.
FOUT < 62.5MHz.
45
—
55
FOUT > 62.5MHz.
40
—
60
TOE
Output Enable/ Disable Time
—
—
—
100
ns
JPER
Period Jitter, RMS
LVDS.
—
3
—
ps
LVPECL.
—
5.8
—
LVCMOS.
FOUT = 125MHz.
—
5
—
RJ
Random Jitter
LVDS.
—
1.3
—
ps
LVPECL.
—
1.29
—
LVCMOS.
FOUT = 125MHz.
—
0.6
—
DJ
Deterministic Jitter
LVDS.
—
5.8
—
ps
LVPECL.
—
9.3
—
LVCMOS.
FOUT = 125MHz.
—
10
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com