Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DK31C2DHSPDUE Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DK31C2DHSPDUE
Description  USB C Dock - Triple 4K Monitor USB Type-C Docking Station - 100W Power Delivery - DP 1.4 Alt Mode & DSC, 2x DisplayPort 1.4/HDMI 2.0 - 6xUSB (2x 10Gbps) - Windows/Chrome
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DK31C2DHSPDUE Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DK31C2DHSPDUE Datasheet HTML 1Page - StarTech.com Ltd. DK31C2DHSPDUE Datasheet HTML 2Page - StarTech.com Ltd. DK31C2DHSPDUE Datasheet HTML 3Page - StarTech.com Ltd. DK31C2DHSPDUE Datasheet HTML 4Page - StarTech.com Ltd. DK31C2DHSPDUE Datasheet HTML 5Page - StarTech.com Ltd. DK31C2DHSPDUE Datasheet HTML 6Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
This USB-C docking station comes with plenty of security features two K-slots for a Kensington style laptop lock.
Developed to improve performance and security, StarTech.com Connectivity Tools is the only software suite on the
market that works with a wide range of IT connectivity accessories. The software suite includes:
Advanced Windows Layout Utility: To setup and save custom windows layouts.
Mac Address Pass-Through Utility: To improve network security.
USB Event Monitoring Utility: To track and log connected USB devices
Wi-Fi Auto Switch Utility: Enabling users to quickly access faster network speeds via wired LAN.
For more information and to download the StarTech.com Connectivity Tools application, please visit:
www.StarTech.com/Connectivity-Tools
Certifications, Reports and Compatibility
Applications
Features
• HIGH PERFORMANCE USB-C DOCK: USB-C docking station for Windows/Chrome OS, featuring up to three 4K
video outputs (2x DisplayPort 1.4 & 1x HDMI 2.0), 100W PD, 6 port USB Hub (10Gbps), SD 4.0 Card Reader, Gigabit
Ethernet, and headset port
• DISPLAYPORT 1.4 WITH DSC: Triple monitor USB-C docking station (MST) supports dual 4K 60Hz or triple 4K
30Hz on DP 1.4 Alt-Mode HBR3 w/ DSC enabled laptop (min. Intel 11th Gen); works with DP 1.2 supporting dual
monitor 1080p @ 60Hz (see image gallery)
• 100W POWER DELIVERY CHARGING: Power & charge Windows-based USB-C/Thunderbolt 3 workstation
laptops, Chromebooks, ultrabooks including Lenovo X1 Carbon, ThinkPad P Series, Dell Latitudes, Precision, XPS
15, HP Spectre, and ZBook
• 6-PORT USB HUB: 2x 10Gbps USB-C (USB 3.2/3.1 Gen 2), both BC 1.2 fast charge always-on ports), 2x USB 3.0
5Gbps, and 2x USB 2.0; a variety of USB ports to connect many peripherals incl. two 10Gbps high speed USB-C
ports for external drives
• DEPLOYMENT READY: Universal multi monitor USB Type-C docking station with no driver setup, features 2x
security lock k-slots, On/Off button, 3.3ft (1m) USB-C host cable; Windows/Chrome OS support



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com