Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L8229 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L8229
Description  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 14Page - STMicroelectronics L8229 Datasheet HTML 15Page - STMicroelectronics L8229 Datasheet HTML 16Page - STMicroelectronics L8229 Datasheet HTML 17Page - STMicroelectronics L8229 Datasheet HTML 18Page - STMicroelectronics L8229 Datasheet HTML 19Page - STMicroelectronics L8229 Datasheet HTML 20Page - STMicroelectronics L8229 Datasheet HTML 21Page - STMicroelectronics L8229 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L6219_8 mode
L8229
18/42
7
L6219_8 mode
A second configuration of the device is achieved when PROG1 and PROG2 pins (pin 7 and
18) are asserted to 01. The device is now configured into the L6219_8 configuration. This
device mode function is similar to L6219_HI, but with the possibility of using 8 current levels
instead of 4, to implement a more accurate microstepping function and with the possibility to
set a mixed decay for recirculation current. The remaining functionalities are identical to
L6219_HI mode.
7.1
8 Level Current Setting
This setting is achieved by using pin 8 (STB) as a strobe for latching the current setting
control inputs. The rising edge of STB will latch the I01, I11 and I12 inputs for decoding
current levels settings for Bridge 1. Similarly the falling edge will latch the I01, I11 and I12
inputs for decoding current levels settings for Bridge 2.
In order to allow a good similitude to sine drive, the levels set by the input pins are not
equally spaced but are choosen to approximate a sinusoidal wave.
On power up, the device is by default into a no current drive state for both H Bridges and will
start driving only upon the rising or falling edges of STB.
7.2
Mixed Decay
VREFCOM input (pin 15) is the reference voltage for both bridges while VREFDEC input
(pin 11) is a voltage reference for decay control. When the current setting is set from an
higher level to a lower level, the device can be set to perform:
1.
Slow decay (current is recirculated throught the low side drivers) when VREFDEC > 0.94Vcc.
2.
A mix of Fast followed by Slow decay when 0.33Vcc < VREFDEC < 0.94Vcc.
3.
Fast decay (current is recirculated from Sense to Vs) when VREFDEC < 0.33Vcc.
In case 2, VREFDEC voltage is compared with the RC discharging voltage during the Toff
duration. Until the RC voltage is above VREFDEC there will be fast decay: the bridge
outputs will be driven to enable recirculation from Rsense to VS. For RC voltages below
VREFDEC, the bridges will be driven to recirculate through the low side drivers. (see
Figure 8)
Table 12.
Current levels
STB
I01
I11
I12
Current level
Bridge1
Bridge 2
0
0
0
No current
-
00
1
IOUT / Imax=0.22
-
01
0
IOUT / Imax=0.42
-
01
1
IOUT / Imax=0.61
-
10
0
IOUT / Imax=0.77
-
10
1
IOUT / Imax=0.87
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com