Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 9 Page - Midas Components

Part # MPBV6
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 9 Page - Midas Components

Back Button MPBV6 Datasheet HTML 5Page - Midas Components MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components MPBV6 Datasheet HTML 8Page - Midas Components MPBV6 Datasheet HTML 9Page - Midas Components MPBV6 Datasheet HTML 10Page - Midas Components MPBV6 Datasheet HTML 11Page - Midas Components MPBV6 Datasheet HTML 12Page - Midas Components MPBV6 Datasheet HTML 13Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Reliability
Content of Reliability Test
Environmental Test
Test Item
Content of Test
Test Condition
Applicable
Standard
High
Temperature
storage
Endurance test applying the high
storage temperature for a long time.
80
240hrs
——
Low
Temperature
storage
Endurance test applying the low storage
temperature for a long time.
-40
240hrs
——
High
Temperature
Operation
Endurance test applying the electric
stress (Voltage & Current) and the
thermal stress to the element for a long
time.
80
240hrs
——
Low
Temperature
Operation
Endurance test applying the electric
stress under low temperature for a long
time.
-40
240hrs
——
High
Temperature/
Humidity
Storage
Endurance test applying the high
temperature and high humidity storage
for a long time.
60 ,90%RH
240hrs
——
Temperature
Cycle
Endurance test applying the low and
high temperature cycle.
-40
25
80
30min
5min
30min
1 cycle
-40/80
100 cycles
——
Mechanical Test
Vibration test
Endurance test applying the vibration
during transportation and using.
10~22Hz→1.5mmp-p
22~500Hz→1.5G
Total 0.5hr
——
Shock test
Constructional and mechanical
endurance test applying the shock
during transportation.
50G Half sin
wave 11 ms
3 times of each
direction
——
Atmospheric
pressure test
Endurance test applying the
atmospheric pressure during
transportation by air.
115mbar
40hrs
——
Others
Static
electricity test
Endurance test applying the electric
stress to the terminal.
VS=±600V(contact),
±800v(air),
RS=330Ω
CS=150pF
10 times
——
*** Supply voltage for OLED system =Operating voltage at 25
℃
Page 9 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com