Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 5 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 5 Page - Midas Components

  MPBV7 Datasheet HTML 1Page - Midas Components MPBV7 Datasheet HTML 2Page - Midas Components MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Counter Drawing & Block Diagram
D4
D3
E/RD#
D1
D/C#
R/W#
IREF
D5
NC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VCOMH
D7
D6
D2
D0
VCC
Dots 128*64
Active Area 2.7"
13.5¡ Ó
0.1
15.5¡ Ó
0.1
28.5
0.5
P0.5*(30-1)=14.5
0.35
1
30
Common 31
(Row 63)
Common 0
(Row 1)
Common 63
(Row 64)
Common 32
(Row 2)
Segment 127
(Column 128)
Segment 0
(Column 1)
Detail DOTS
Scale 10/1
0.48
0.03
73¡ Ó
0.2
0.5
72(Pol.)
4.795
5.795
63.41(VA)
61.41(AA)
2- 0.
8
2.05¡ Ó
0.1
0.3¡ Ó
0.05
Stiffener
Contact side
Pull tape
The non-specified tolerance of dimension is ¡ Ó
0.3 mm .
NC
VDD
16
RES#
CS#
BS2
BS1
17
18
19
20
21
22
VSS
NC
NC
NC
23
24
25
26
27
28
29
NC
30
NC
NC
NC
NC
1.1
0.7
1
Glue
Polarizer
Shading tape
Page 5 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com