Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DV-20400-S1FBLY-R22 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DV-20400-S1FBLY-R22
Description  LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DV-20400-S1FBLY-R22 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DV-20400-S1FBLY-R22 Datasheet HTML 14Page - List of Unclassifed Manufacturers DV-20400-S1FBLY-R22 Datasheet HTML 15Page - List of Unclassifed Manufacturers DV-20400-S1FBLY-R22 Datasheet HTML 16Page - List of Unclassifed Manufacturers DV-20400-S1FBLY-R22 Datasheet HTML 17Page - List of Unclassifed Manufacturers DV-20400-S1FBLY-R22 Datasheet HTML 18Page - List of Unclassifed Manufacturers DV-20400-S1FBLY-R22 Datasheet HTML 19Page - List of Unclassifed Manufacturers DV-20400-S1FBLY-R22 Datasheet HTML 20Page - List of Unclassifed Manufacturers DV-20400-S1FBLY-R22 Datasheet HTML 21Page - List of Unclassifed Manufacturers DV-20400-S1FBLY-R22 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: DV-20400-S1FBLY/R22
DATA VISION
03/09/19
21 / 22
5. NOTES
Safety
l If the LCD panel breaks, be careful not to get the liquid crystal in your
mouth. If the liquid crystal touches your skin or clothes, wash it off
immediately using soap and plenty of water.
Handling
l Avoid static electricity as this can damage the CMOS LSI.
l The LCD panel is plate glass; do not hit or crush it.
l Do not remove the panel or frame from the module.
l The polarizing plate of the display is very fragile; handle it very carefully
Mounting and Design
l Mount the module by using the specified mounting part and holes.
l To protect the module from external pressure, leave a small gap by placing
transparent plates (e.g. acrylic or glass ) on the display surface, frame, and
polarizing plate
l Design the system so that no input signal is given unless the power-supply
voltage is applied.
l Keep the module dry. Avoid condensation, otherwise the transparent
electrodes may break.
Storage
l Store the module in a dark place where the temperature is 25 oC
±10 oC and
the humidity below 65% RH.
l Do not store the module near organic solvents or corrosive gases.
l Do not crush, shake, or jolt the module (including accessories).
Cleaning
l Do not wipe the polarizing plate with a dry cloth, as it may scratch the
surface.
l Wipe the module gently with soft cloth soaked with a petroleum benzine.
l Do not use ketonic solvents (ketone and acetoe) or aromatic solvents
(toluene and xylene), as they may damage the polarizing plate.
6. OPERATION PRECAUTIONS
Any changes that need to be made in this specification or any problems arising
from it will be dealt with quickly by discussion between both companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com