Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 5 Page - Midas Components

Part # MPBV6
Description  TFT Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 5 Page - Midas Components

  MPBV6 Datasheet HTML 1Page - Midas Components MPBV6 Datasheet HTML 2Page - Midas Components MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components MPBV6 Datasheet HTML 5Page - Midas Components MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pin
Symbol
Description
Remark
1
VSS
Ground for analogue circuit.
2
VDDT
Power Supply: +3.0V
3
SCL
I2C Clock Input.
4
NC
No Connect.
5
SDA
I2C Data input and output.
6
NC
No Connection.
7
/RST
External Reset, LOW is active.
8
/WAKE
External Interrupt from the host.
9
/INT
External Interrupt to the host.
10
VSS
Ground for analogue circuit.
CTP Pin layout
Pin Layout
Pin
Symbol
Description
Remark
1
VLED-
Backlight LED Cathode
2
VLED+
Backlight LED Anode.
3
GND
System Ground
4
VCC
Power supply for logic operation
5~12
R0~R7
Data bus
13~20
G0~G7
Data bus
21~28
B0~B7
Data bus
29
GND
System Ground
30
DCLK
Pixel clock signal
31
DISP
Display on/off control
32
HSYNC
Horizontal Sync signal
33
VSYNC
Vertical Sync signal
34
NC
No connection (Option DE)
35
NC
No connection
36
GND
System Ground
37
NC
No connection (Option XR for RTP)
38
NC
No connection (Option YD for RTP)
39
NC
No connection (Option XL for RTP)
40
NC
No connection (Option YU for RTP)
Page 5 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com