Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV6 Datasheet(PDF) 7 Page - Midas Components

Part # MPBV6
Description  TFT Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV6 Datasheet(HTML) 7 Page - Midas Components

  MPBV6 Datasheet HTML 1Page - Midas Components MPBV6 Datasheet HTML 2Page - Midas Components MPBV6 Datasheet HTML 3Page - Midas Components MPBV6 Datasheet HTML 4Page - Midas Components MPBV6 Datasheet HTML 5Page - Midas Components MPBV6 Datasheet HTML 6Page - Midas Components MPBV6 Datasheet HTML 7Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Absolute Maximum Ratings
Item
Symbol
Condition
Min
Typ
Max
Unit
Operating Temperature
TOP
---
-20
---
70
°C
Storage Temperature
TST
---
-30
---
80
°C
LED Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
LED Forward Voltage
VLED+
---
15.00
17.00
V
LED Forward Current
ILED
---
---
40.00
---
mA
LED Colour Range
Wx
---
0.269
0.319
0.369
---
Wy
0.273
0.323
0.373
---
LED Brightness
---
---
250
350
---
cd/m2
LED Life Time
---
---
50k
---
Hours
---
14.00
MCT039C12TW480128LML
480 x 128
TFT Module
Specification
Version:
1
Date:
02/02/2018
Revision
RGB Interface
Electronic Characteristics
Item
Symbol Condition Minimum Typical Maximum Unit
Power Voltage
---
3.00
3.30
3.
60
V
Driver Current
---
15
25
mA
TFT Characteristics
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Viewing Angle
ΘR
CR
≧10
---
65°
---
Deg
ΘL
---
65°
---
Deg
ΦT
---
65°
---
Deg
ΦB
---
50°
---
Deg
Contrast Ratio
CR
At optimised viewing
angle.
---
500
---
---
Response Time
T Rise
θ=0° Φ=0°
---
10
---
.ms
T Fall
---
15
---
.ms
Hor.
Ver.
---
VCC
ICC
---
Low Level Input Voltage
---
0.00
---
0.3VCC
V
High Level Input Voltage
0.7VCC
---
VCC
V
VIL
VIH
---
Page 7 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com