Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDP2HD4K60S Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # MDP2HD4K60S
Description  Mini DisplayPort to HDMI Adapter - 4K 60Hz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MDP2HD4K60S Datasheet(HTML) 1 Page - StarTech.com Ltd.

  MDP2HD4K60S Datasheet HTML 1Page - StarTech.com Ltd. MDP2HD4K60S Datasheet HTML 2Page - StarTech.com Ltd. MDP2HD4K60S Datasheet HTML 3Page - StarTech.com Ltd. MDP2HD4K60S Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mini DisplayPort to HDMI Adapter - 4K 60Hz
StarTech ID: MDP2HD4K60S
This Mini DisplayPort to HDMI® adapter lets you output HDMI video and audio from an mDP device, with
support for Ultra HD 4K at 60Hz.
Astonishing picture quality with support for Ultra HD 4K at 60 Hz
The adapter lets you harness the video capabilities that are built into your Mini DisplayPort connection, to deliver
the astonishing quality of UHD to your 4K 60Hz display. This makes it easier for you to multitask while using
multiple monitors to work on resource-demanding applications.
Unlike many 4K Mini DisplayPort to HDMI adapters that only support a 30Hz refresh rate, this adapter works
with HDMI 2.0 displays that can deliver output resolutions of up to 3840 x 2160p at 60Hz. Support for HDMI 2.0
means this adapter can support bandwidth up to 18Gbps, making it an ideal solution for performing high-
resolution tasks such as editing 4K video.
The adapter is backward compatible with 1080p displays, which ensures compatibility with lower resolution
displays such as TVs or projectors around your home or office.
Ultimate portability with a compact, lightweight design
The compact video adapter is highly portable and lightweight. It’s the perfect accessory for your portable
mDP devices, fitting easily into your laptop bag or carrying case.
The portable adapter is the perfect accessory for deployment with company computers, enabling your
employees to interface with BYOD (Bring Your Own Device) HDMI applications around the office, such
as working at a hot-desk with an HDMI display or sharing your laptop’s screen on a boardroom projector.
Hassle-free setup with an active adapter that features plug-and-play installation
www.startech.com/uk
0800 169 0408


Similar Part No. - MDP2HD4K60S

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
MDP2HDEC STARTECH-MDP2HDEC Datasheet
86Kb / 3P
Mini DisplayPort to HDMI Adapter - mDP to HDMI Adapter Dongle - 1080p - Mini DisplayPort 1.2 to HDMI Monitor/Display - Mini DP to HDMI Video Converter - 12" Long Attached Cable - Upgraded Version of MDP2HDMI
More results

Similar Description - MDP2HD4K60S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P134-003-MDP TRIPPLITE-P134-003-MDP Datasheet
168Kb / 3P
DisplayPort to Mini DisplayPort Cable Adapter, 3840 x 2160 (4K x 2K) @ 60Hz, (M/F), 3 ft.
P134-06N-MDP TRIPPLITE-P134-06N-MDP Datasheet
169Kb / 3P
DisplayPort to Mini DisplayPort Cable Adapter, 3840 x 2160 (4K x 2K) @ 60Hz (M/F), 6 in.
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
P583-010-BK TRIPPLITE-P583-010-BK Datasheet
172Kb / 3P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 10 ft.
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
logo
Tripp Lite. All Rights ...
P583-003 TRIPPLITE-P583-003_V01 Datasheet
33Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 3 ft. (0.9 m)
P583-010 TRIPPLITE-P583-010_V01 Datasheet
34Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, White, 10 ft. (3.1 m)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com