Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2027-A-23-SM-RPLF Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 2027-A-23-SM-RPLF
Description  2027-A-xx-SM Precision Gas Discharge Tube Surge Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2027-A-23-SM-RPLF Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  2027-A-23-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2027-A-23-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2027-A-23-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions 2027-A-23-SM-RPLF Datasheet HTML 4Page - Bourns Electronic Solutions 2027-A-23-SM-RPLF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2027-A-xx-SM Precision Gas Discharge Tube Surge Protector
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Environmental Characteristics
Characteristic
Test Condition
High Temperature Exposure
Dry heat (+150 °C ± 3 °C)
Exposure time 1000 hrs.
STP: MIL-STD-202 Method 108
Low Temperature Exposure
Cold (-40°C ± 3 °C)
Exposure time 100 hrs.
STP: IEC 60068-2-1
Temperature Cycling
1000 cycles (-40 °C to +125 °C) unpowered
STP: JESD22 Method JA-104
Humidity Bias
1000 hours 85 °C ± 3 °C / RH 85 % ± 3 %
Rated 1 kVrms @ 1 mA
STP: MIL-STD-202 Method 103
High Temperature Operating Life
1000 hours (TA= 125 °C)
Rated 1 kVrms @ 1 mA
STP: MIL-STD-202 Method 108
Terminal Strength
Test leaded device lead integrity only
Conditions: A (2.27 kg), C (227 g)
STP: MIL-STD-202 Method 211
Resistance to Solvents
Also, aqueous wash chemical - OKEM Clean or equivalent
STP: MIL-STD-202 Method 215
Mechanical Shock
Figure 1 of Method 213
LEADED: Condition C
STP: MIL-STD-202 Method 213
Vibration
5 g's for 20 minutes, 12 cycles each of 3 orientations, test from 10-2000 Hz
STP: MIL-STD-202 Method 204
Resistance to soldering Heat
LEADED
Condition B No Pre-Heat of samples
STP: MIL-STD-202 Method 210
ESD
AEC-Q200-002 or ISO/DIS10605
Solderability
LEADED
Method A @ 235 °C, Category 3
STP: J-STD-002
Flammability
V-0
STP: UL-94
REV. A 07/24



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com