Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IT-FIT-7/220-240/700-CS-I Datasheet(PDF) 2 Page - Intelligent LED Solutions

Part # IT-FIT-7/220-240/700-CS-I
Description  OSLON® Square Batwing 1 PowerStars
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

IT-FIT-7/220-240/700-CS-I Datasheet(HTML) 2 Page - Intelligent LED Solutions

  IT-FIT-7/220-240/700-CS-I Datasheet HTML 1Page - Intelligent LED Solutions IT-FIT-7/220-240/700-CS-I Datasheet HTML 2Page - Intelligent LED Solutions IT-FIT-7/220-240/700-CS-I Datasheet HTML 3Page - Intelligent LED Solutions IT-FIT-7/220-240/700-CS-I Datasheet HTML 4Page - Intelligent LED Solutions IT-FIT-7/220-240/700-CS-I Datasheet HTML 5Page - Intelligent LED Solutions IT-FIT-7/220-240/700-CS-I Datasheet HTML 6Page - Intelligent LED Solutions IT-FIT-7/220-240/700-CS-I Datasheet HTML 7Page - Intelligent LED Solutions IT-FIT-7/220-240/700-CS-I Datasheet HTML 8Page - Intelligent LED Solutions IT-FIT-7/220-240/700-CS-I Datasheet HTML 9Page - Intelligent LED Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HORTICULTURAL SOLUTIONS
© IGS Version V1
+44 (0)1635 294606 | info@i-hled.co.uk | www.i-hled.co.uk
Intelligent Horticultural Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
2 of 10
APPLICATIONS
» General lighting
» Decorative lighting
» Task lighting
» Spotlighting
» Top lighting
» Downlighters
» Retail lighting
» Entertainment lighting
» Horticultural lighting
» Inter lighting
SPECIFICATIONS
LED Family
OSLON® Square Batwing
Lifetime
Up to 100,000 hours lifetime to 70% of original brightness
Mounting
Mounting holes using M3 screws allows easy installation
Dimensions
(L x W x H) 20 x20 x 3.46mm
Connection
Available with 200mm connecting wires
Secondary Optics
A secondary optic can be fitted. Suitable options on
page 6 or visit our website for a full range
Heatsinks
Required over 350mA. Suitable options on
page 6 or visit our website for a full range
Power Supply
4-10W dimming and non-dimming. Suitable options on
page 7 or visit our website for a full range
Chain
Powerstars can be linked together to produce longer chains
Current Range
Hyper Red 100-1400mA
Horti-White 100-1800mA
Deep Blue 100-2000mA
Far Red 100-1000mA
Thermal Resistance
Hyper Red = 1.3K/W
Horti-White = 1.6K/W
Deep Blue =0.96K/W
Far Red = 3.4K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com