Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ILA-TIM-LEDIL-1A Datasheet(PDF) 4 Page - Intelligent LED Solutions

Part # ILA-TIM-LEDIL-1A
Description  Thermal Interface Material
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

ILA-TIM-LEDIL-1A Datasheet(HTML) 4 Page - Intelligent LED Solutions

  ILA-TIM-LEDIL-1A Datasheet HTML 1Page - Intelligent LED Solutions ILA-TIM-LEDIL-1A Datasheet HTML 2Page - Intelligent LED Solutions ILA-TIM-LEDIL-1A Datasheet HTML 3Page - Intelligent LED Solutions ILA-TIM-LEDIL-1A Datasheet HTML 4Page - Intelligent LED Solutions ILA-TIM-LEDIL-1A Datasheet HTML 5Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
+44 (0)1635 294606 | info@i-led.co.uk | www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
4 of 5
© IGS Version V1
DOUBLE SIDED ADHESIVE
Construction & Composition
Flexible Graphite
Test Method
Colour
Cream
Visual
Thickness tolerance
0.001" ( +/- 0.02mm )
Hardness
90+/-5
Shore A
Tensile Strength
22 Mpa
ASTM D412
Elongation
8%
ASTM D412
Temperature Range
-20°C to 155°C
Thermal Resistance - 50 psi assembly pressure
1.1'c in/W : 7.1'c cm/W
Tear Resistance
48 kN/m
ASTM D624
Adhesive Strength
5.5 N/cm
Dielectric Constant @ 1000MHz
2.6
ASTM D150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com