Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4206BRUZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4206BRUZ-R7
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4206BRUZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4206BRUZ-R7 Datasheet HTML 7Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 8Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 9Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 10Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 11Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 12Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 13Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 14Page - Analog Devices ADF4206BRUZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 11 of 24
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 22. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. Typical recommended external components are shown
in Figure 22.
30pF
OSCIN
OSCOUT
TO R
COUNTER
BUFFER
POWER-DOWN
CONTROL
SW1
NC
NC
SW2
100kΩ
SW3
NO
18kΩ
30pF
Figure 22. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 23. It is followed by a
2-stage limiting amplifier to generate the CML clock levels
needed for the prescaler.
RFINA
AVDD
BIAS
GENERATOR
1.6V
2kΩ
AGND
2kΩ
RFINB
Figure 23. RF Input Stage
PRESCALER
The dual modulus prescaler (P/P + 1), along with the A and
B counters, enables the large division ratio, N, to be realized
(N = BP + A). This prescaler, operating at CML levels, takes
the clock from the RF input stage and divides it down to a
manageable frequency for the CMOS A and B counters. It is
based on a synchronous 4/5 core.
The prescaler is selectable. Both RF1 and RF2 can be set to
either 32/33 or 64/65. DB20 of the AB counter latch selects the
value. See Figure 29 and Figure 31.
A AND B COUNTERS
The A and B CMOS counters combine with the dual modulus
prescaler to allow a wide ranging division ratio in the PLL
feedback counter. The devices are guaranteed to work when the
prescaler output is 200 MHz or less.
PULSE SWALLOW FUNCTION
The A and B counters, in conjunction with the dual modulus
prescaler, make it possible to generate output frequencies that
are spaced only by the reference frequency divided by R. The
equation for the VCO frequency is
fVCO = [(P × B) + A] × fREFIN/R
where:
fVCO is the output frequency of the external voltage controlled
oscillator (VCO).
P is the preset modulus of the dual modulus prescaler
(32/33, 64/65).
B is the preset divide ratio of the binary 11-bit counter
(2 to 2047).
A is the preset divide ratio of the binary 6-bit A counter
(0 to 63).
fREFIN is the output frequency of the external reference frequency
oscillator.
R is the preset divide ratio of the binary 14-bit programmable
reference counter (1 to 16,383).
R COUNTER
The 14-bit R counter allows the input reference frequency to be
divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383 are
allowed.
PRESCALER
P/P + 1
MODULUS
CONTROL
FROM RF
INPUT STAGE
LOAD
N = BP + A
N DIVIDER
LOAD
TO PFD
11-BIT B
COUNTER
6-BIT A
COUNTER
Figure 24. A and B Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com