Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVR-M1608C220KT2AB Datasheet(PDF) 4 Page - TDK Electronics

Part # AVR-M1608C220KT2AB
Description  Chip varistors Voltage Protection Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C220KT2AB Datasheet(HTML) 4 Page - TDK Electronics

  AVR-M1608C220KT2AB Datasheet HTML 1Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 2Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 3Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 4Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 5Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 6Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 7Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 8Page - TDK Electronics AVR-M1608C220KT2AB Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(4/14)
20231012 / vpd_automotive_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Automotive grade
PART NUMBER CONSTRUCTION
Overview of the AVR series
AVRM
1608
C
390
K
T
271
N
Series name
L x W
dimensions
Structure code
Varistor voltage
Varistor voltage
tolerance
Packaging style
Capacitance or
internal special
symbol
Capacitance
tolerance
(%)
(mm)
(V)
(%)
(pF)
AVRM series
1608
1.6×0.8
C
General
structure
390=39×100
K
±10
T
Taping
271=27×101
K±10
2012
2.0×1.2
220
22
M
±20
B
Bulk
221
220
M
±20
270
27
N
±30
271
270
N
±30
390
39
AVR-M
1608
C
270
M
T
AAB
Series name
L x W
dimensions
Structure code
Varistor voltage
Varistor voltage
tolerance
Packaging style
Company
special symbol
(mm)
(V)
(%)
AVR-M series
1608
1.6×0.8
C
General
structure
270=27×100
K
±10
T
Taping
2012
2.0×1.2
220
22
M
±20
B
Bulk
270
27
N
±30
390
39
AVRL
10
1A
3R3
F
T
A
Series name
L x W
dimensions
Maximum
continuous voltage
Capacitance
Capacitance
tolerance
Packaging style
Company
special symbol
(mm)
(Vdc)
(pF)
(pF)
AVRL series
10
1.0×0.5
1A
10
3R3
3.3
F
±1
T
Taping
L=Low cap
16
1.6×0.8
6R8
6.8
G
±2
B
Bulk
AVRH
10
C
270
K
T
150
N
A
8
Series name
L x W
dimensions
Structure
code
Varistor
voltage
Varistor
voltage
tolerance
Packaging style
Capacitance Capacitance
tolerance
ESD voltage
amount
IEC61000-4-2
Operating
temperature
limit
(°C)
(mm)
(V)
(%)
(pF)
(kV)
AVRH series
10 1.0×0.5
C
General
structure
270=27×100
K±10
T
Taping
150=15×100
N
±30%
A
25
8
150
H=High Reliability
270
27
B
Bulk
150
15
F
±1pF
390
39
500
50
101
100
4R7
4.7
Shape symbol(JIS)
L
W
T
B
1005
1.00±0.05
0.50±0.05
0.50±0.05
0.1min.
1608
1.60±0.1
0.80±0.1
0.80±0.1
0.2min.
2012
2.00±0.2
1.25±0.2
1.00±0.2
0.2min.
Product compatible with RoHS directive
Compatible with lead-free solders
AEC-Q200
T
L
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com