Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1401AA.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1401AA..
Description  PANEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1401AA.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1401AA.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM SIDE (OPEN)
SECTION U-U
FRONT PANEL - VIEW FROM OUTSIDE
REAR PANEL - VIEW FROM OUTSIDE
DETAIL V
- 20 GAUGE STEEL BODY PAINTED (RAL 7032)
- EIGHT 6-32 NICKEL PLATED SCREWS
- 0.064" THICK ALUMINUM PANELS PAINTED ( FRONT PANEL
RAL 7011, REAR PANEL RAL 7032)
- FOUR SELF ADHESIVE RUBBER FEET
EXTRA SCREWS - 1421J6 (6-32 x 1/4 SHEET METAL SCREWS)
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
U
U
V
1401AA
Contact Factory
mjm@hammondmfg.com for quotes
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Solid models of this enclosure available in STEP or IGES.
0.76 mm
[0.030 in]
2.44 mm
[0.096 in]
19.05 mm
[0.750 in]
63.50 mm
[2.500 in]
n2.95 mm
[0.116 in]
1.63 mm
[0.064 in]
124.61 mm
[4.906 in]
150.01 mm
[5.906 in]
R2.44 mm
[0.096 in]
15.88 mm
[0.625 in]
15.88 mm
[0.625 in]
22.23 mm
[0.875 in]
9.53 mm
[0.375 in]
3.18 mm
[0.125 in]
111.10 mm
[4.374 in]
31.75 mm
[1.250 in]
63.50 mm
[2.500 in]
R10.74 mm
[0.423 in]
1.22 mm
[0.048 in]
11.13 mm
[0.438 in]
15.88 mm
[0.625 in]
101.60 mm
[4.000 in]
n5.54 mm
[0.218 in]
118.26 mm
[4.656 in]
127.81 mm
[5.032 in]
n5.16 mm
[0.203 in]
R10.31 mm
[0.406 in]
8.15 mm
[0.321 in]
124.16 mm
[4.888 in]
70.64 mm
[2.781 in]
104.78 mm
[4.125 in]
95.66 mm
[3.766 in]
152.40 mm
[6.000 in]
152.40 mm
[6.000 in]


Similar Part No. - 1401AA..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1401AA HAMMOND-1401AA Datasheet
121Kb / 1P
Instrument Case (1401 Series)
1401AAA HAMMOND-1401AAA Datasheet
121Kb / 1P
Instrument Case (1401 Series)
More results

Similar Description - 1401AA..

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L675 ETC2-L675 Datasheet
159Kb / 1P
PANEL FUSEHOLDER BARRIER & PANEL SEALED
logo
FIBOX Enclosing innovat...
8612020 FIBOX-8612020 Datasheet
45Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
8612021 FIBOX-8612021 Datasheet
46Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
8612022 FIBOX-8612022 Datasheet
46Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
8612023 FIBOX-8612023 Datasheet
46Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
8612024 FIBOX-8612024 Datasheet
46Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
8612025 FIBOX-8612025 Datasheet
46Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
8612026 FIBOX-8612026 Datasheet
46Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
8612027 FIBOX-8612027 Datasheet
46Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
8612028 FIBOX-8612028 Datasheet
46Kb / 1P
Swing Panel Kit incl. Panel
18.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com