Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV-7
Description  OLED Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 3 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Interface Pin Function
Pin
Number
Symbol
I/O
Function
1
ESD_GND
P
Ground
2
VSS
P
Ground.
3
VCC
P
Power supply for panel driving voltage.
This is also the most positive power voltage supply pin.
4
VCOMH
P
COM signal deselected voltage level.
A capacitor should be connected between this pin and VSS.
5
VLSS
P
Analog system ground pin.
6~13
D7~D0
I/O
Host Data Input/Output Bus
These pins are 8-bit bi-directional data bus to be connected to the
microprocessor’s data bus.
When serial mode is selected, D1 will be the serial data input SDIN and
D0 will be the serial clock input SCLK.
14
E/RD#
I
Read/Write Enable or Read
This pin is MCU interface input.
When interfacing to a 68XX-series microprocessor, this pin will be used
as the Enable (E) signal. Read/write operation is initiated when this pin
is pulled high and the CS# is pulled low.
When connecting to an 80XX-microprocessor, this pin receives the Read
(RD#) signal. Data read operation is initiated when this pin is pulled low
and CS# is pulled low.
When serial mode is selected, this pin must be connected to VSS.
15
R/W#
I
Read/Write Select or Write
This pin is MCU interface input. When interfacing to a 68XX-series
microprocessor, this pin will be used as Read/Write (R/W#) selection
input. Pull this pin to “High” for read mode and pull it to “Low” for write
mode.
When 80XX interface mode is selected, this pin will be the Write (WR#)
input. Data write operation is initiated when this pin is pulled low and the
CS# is pulled low.
When serial mode is selected, this pin must be connected to VSS.
16
BS0
I
Communicating Protocol Select
These pins are MCU interface selection input. See the following table:
Note
(1) 0 is connected to VSS
(2) 1 is connected to VDDIO
17
BS1
Page 3 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com