Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GV4LE80B Datasheet(PDF) 1 Page - Schneider Electric

Part # GV4LE80B
Description  TeSys GV4 - magnetic circuit breaker - 80A 3P - with EverLink
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV4LE80B Datasheet(HTML) 1 Page - Schneider Electric

  GV4LE80B Datasheet HTML 1Page - Schneider Electric GV4LE80B Datasheet HTML 2Page - Schneider Electric GV4LE80B Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Apr 25, 2018
1
Product data sheet
Characteristics
GV4LE80B
TeSys GV4 - magnetic circuit breaker - 80A 3P -
with EverLink
Main
Range
TeSys
Product name
TeSys GV4
Device short name
GV4L
Product or component type
Circuit breaker
Device application
Motor
Poles description
3P
Utilisation category
Category A
Trip unit technology
Magnetic
Protection type
Short-circuit
[In] rated current
80 A
Breaking capacity
[Icu] : 50 kA at 220...240 V AC 50/60 Hz according to IEC 60947-2
[Icu] : 25 kA at 380...415 V AC 50/60 Hz according to IEC 60947-2
[Icu] : 20 kA at 440 V AC 50/60 Hz according to IEC 60947-2
[Icu] : 10 kA at 500 V AC 50/60 Hz according to IEC 60947-2
[Ics] rated service breaking capacity
50 kA : at 220...240 V AC 50/60 Hz according to IEC 60947-2
25 kA : at 380...415 V AC 50/60 Hz according to IEC 60947-2
20 kA : at 440 V AC 50/60 Hz according to IEC 60947-2
10 kA : at 500 V AC 50/60 Hz according to IEC 60947-2
Trip unit rating
480...1120 A
Control type
Toggle
Complementary
[Ue] rated operational voltage
690 V AC 50/60 Hz conforming to IEC 60947-2
Motor power kW
22 kW at 400...415 V AC 50/60 Hz
30 kW at 400...415 V AC 50/60 Hz
30 kW at 500 V AC 50/60 Hz
37 kW at 400...415 V AC 50/60 Hz
37 kW at 500 V AC 50/60 Hz
37 kW at 660...690 V AC 50/60 Hz
45 kW at 500 V AC 50/60 Hz
45 kW at 660...690 V AC 50/60 Hz
55 kW at 500 V AC 50/60 Hz


Similar Part No. - GV4LE80B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV4LE80N SCHNEIDER-GV4LE80N Datasheet
101Kb / 3P
TeSys GV4 - magnetic circuit breaker - 80A 3P - with EverLink
Apr 25, 2018
GV4LE80S SCHNEIDER-GV4LE80S Datasheet
101Kb / 3P
TeSys GV4 - magnetic circuit breaker - 80A 3P - with EverLink
Apr 25, 2018
More results

Similar Description - GV4LE80B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU380 SCHNEIDER-QOU380 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 80A, 3P, 240V, 10kA
Feb 21, 2020
BDL36080 SCHNEIDER-BDL36080 Datasheet
130Kb / 3P
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020
BGL36080 SCHNEIDER-BGL36080 Datasheet
120Kb / 3P
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 22, 2020
BGP36080 SCHNEIDER-BGP36080 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 22, 2020
BJL36080 SCHNEIDER-BJL36080 Datasheet
122Kb / 3P
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 22, 2020
BDP36080 SCHNEIDER-BDP36080 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020
BJP36080 SCHNEIDER-BJP36080 Datasheet
119Kb / 3P
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 25, 2020
BDM36080 SCHNEIDER-BDM36080 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020
BGM36080 SCHNEIDER-BGM36080 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020
BJM36080 SCHNEIDER-BJM36080 Datasheet
119Kb / 3P
PowerPact B Circuit Breaker, 80A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com