Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-CM408CSWZ-AF Datasheet(PDF) 89 Page - Analog Devices

Part # ADSP-CM408CSWZ-AF
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM408CSWZ-AF Datasheet(HTML) 89 Page - Analog Devices

Back Button ADSP-CM408CSWZ-AF Datasheet HTML 85Page - Analog Devices ADSP-CM408CSWZ-AF Datasheet HTML 86Page - Analog Devices ADSP-CM408CSWZ-AF Datasheet HTML 87Page - Analog Devices ADSP-CM408CSWZ-AF Datasheet HTML 88Page - Analog Devices ADSP-CM408CSWZ-AF Datasheet HTML 89Page - Analog Devices ADSP-CM408CSWZ-AF Datasheet HTML 90Page - Analog Devices ADSP-CM408CSWZ-AF Datasheet HTML 91Page - Analog Devices ADSP-CM408CSWZ-AF Datasheet HTML 92Page - Analog Devices ADSP-CM408CSWZ-AF Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
Rev. A
|
Page 89 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
Serial Peripheral Interface (SPI) Port—Master Timing
Table 47 and Figure 35 describe serial peripheral interface (SPI) port master operations.When internally generated, the programmed SPI
clock (fSPICLKPROG) frequency in MHz is set by the following equation where BAUD is a field in the SPI_CLK register that can be set from 0
to 65,535:
Note that:
• In dual mode data transmit, the SPI_MISO signal is also an output.
• In quad mode data transmit, the SPI_MISO, SPI_D2, and SPI_D3 signals are also outputs.
• In dual mode data receive, the SPI_MOSI signal is also an input.
• In quad mode data receive, the SPI_MOSI, SPI_D2, and SPI_D3 signals are also inputs.
Table 47. Serial Peripheral Interface (SPI) Port—Master Timing
Parameter
Min
Max
Unit
Timing Requirements
tSSPIDM
Data Input Valid to SPI_CLK Edge (Data Input Setup)
3.2
ns
tHSPIDM
SPI_CLK Sampling Edge to Data Input Invalid
1.3
ns
Switching Characteristics
tSDSCIM
SPI_SEL low to First SPI_CLK Edge for CPHA = 1
1
1 Whichever is greater.
[tSCLK – 2] or [18]
ns
SPI_SEL low to First SPI_CLK Edge for CPHA = 0
1
[1.5 × tSCLK – 2] or [13]
ns
tSPICHM
SPI_CLK High Period 2
2 See Table 27 Clock Related Operating Conditions for details on the minimum period that may be programmed for tSPICLKPROG.
0.5 × tSPICLKPROG – 1
ns
tSPICLM
SPI_CLK Low Period 2
0.5 × tSPICLKPROG – 1
ns
tSPICLK
SPI_CLK Period2
tSPICLKPROG – 1
ns
tHDSM
Last SPI_CLK Edge to SPI_SEL High for CPHA = 1
1
[1.5 × tSCLK –2] or [13]
ns
Last SPI_CLK Edge to SPI_SEL High for CPHA = 0
1
[tSCLK –2] or [18]
ns
tSPITDM
Sequential Transfer Delay
1, 3
3 Applies to sequential mode with STOP ≥ 1.
[tSCLK – 1] or [19]
ns
tDDSPIDM
SPI_CLK Edge to Data Out Valid (Data Out Delay)
2.6
ns
tHDSPIDM
SPI_CLK Edge to Data Out Invalid (Data Out Hold)
–1.5
ns
fSPICLKPROG
fSCLK
BAUD
1
+

-------------------------------
=
tSPICLKPROG
1
fSPICLKPROG
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com