Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1455DBBK Datasheet(PDF) 6 Page - Hammond Manufacturing Ltd.

Part # 1455DBBK
Description  Extruded Aluminum Enclosures 1455 Series Anodize Finish, Sliding Belly Plates, Plastic or Metal End Plates
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1455DBBK Datasheet(HTML) 6 Page - Hammond Manufacturing Ltd.

  1455DBBK Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1455DBBK Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1455DBBK Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1455DBBK Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1455DBBK Datasheet HTML 5Page - Hammond Manufacturing Ltd. 1455DBBK Datasheet HTML 6Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6/6/2018
Extruded Aluminum Enclosures (1455 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/extruded/1455
6/6
Data subject to change without notice
Part Number
Clear Anodize
Black Anodize
Blue Anodize
Red Anodize
Starting With
10-pack
10-pack
10-pack
10-pack
For
Part Number
Clear Anodize
Black Anodize
Blue Anodize
Red Anodize
Starting With
10-pack
10-pack
10-pack
10-pack
1455C
1455CAL-10
1455CALBK-10
1455CALBU-10
1455CALRD-10
1455D
1455DAL-10
1455DALBK-10
1455DALBU-10
1455DALRD-10
1455J
1455JAL-10
1455JALBK-10
1455JALBU-10
1455JALRD-10
1455K
1455KAL-10
1455KALBK-10
1455KALBU-10
1455KALRD-10
1455L
1455LAL-10
1455LALBK-10
1455LALBU-10
1455LALRD-10
1455N
1455NAL-10
1455NALBK-10
1455NALBU-10
1455NALRD-10
1455P
1455PAL-10
1455PALBK-10
1455PALBU-10
1455PALRD-10
1455Q
1455QAL-10
1455QALBK-10
1455QALBU-10
1455QALRD-10
1455R
1455RAL-10
1455RALBK-10
1455RALBU-10
1455RALRD-10
1455T
1455TAL-10
1455TALBK-10
1455TALBU-10
1455TALRD-10
Flanged End Panel Kits
For
Part Number Starting With
Clear Anodize
Black Anodize
1455C
1455CF
1455CFBK
1455D
1455DF
1455DFBK
1455J
1455JF
1455JFBK
1455K
1455KF
1455KFBK
1455L
1455LF
1455LFBK
1455N
1455NF
1455NFBK
1455P
1455PF
1455PFBK
1455Q
1455QF
1455QFBK
1455R
1455RF
1455RFBK
1455T
1455TF
1455TFBK
© 2018. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com