Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCS320AM Datasheet(PDF) 1 Page - Rohm

Part # SCS320AM
Description  SiC Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS320AM Datasheet(HTML) 1 Page - Rohm

  SCS320AM Datasheet HTML 1Page - Rohm SCS320AM Datasheet HTML 2Page - Rohm SCS320AM Datasheet HTML 3Page - Rohm SCS320AM Datasheet HTML 4Page - Rohm SCS320AM Datasheet HTML 5Page - Rohm SCS320AM Datasheet HTML 6Page - Rohm SCS320AM Datasheet HTML 7Page - Rohm SCS320AM Datasheet HTML 8Page - Rohm SCS320AM Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SCS320AM
SiC Schottky Barrier Diode
1 ≦
≦ 10ms, Tvj=25°C
1 ≦
≦ 10ms, Tvj=150°C
*1 Limited by maximum Tvj and for Max. RthJC. *2 Tc=100°C, Tvj=150°C, Duty cycle=10% *3 Tc=25°C
3) High-speed switching possible
lOutline
lInner circuit
lPackaging specifications
TO-220FM-2LGE
2) Reduced temperature dependence
4) High surge current capability
650V
20A
VR
IF
QC
lFeatures
47nC
1) Shorter recovery time
A
W
Symbol
・PV Power Conditioners
lApplications
・Data Center
・PFC Boost Topology
・Secondary Side Rectification
Parameter
V
V
A
A
A
VRM
Tube
-
Type
Packaging
Reel size (mm)
C7G
SCS320AM
Basic ordering unit (pcs)
Tape width (mm)
-
50
Marking
Packing code
Unit
Value
Repetitive peak forward current
Total power disspation
Virtual Junction temperature
VR
IF
IFSM
IFRM
PD
650
650
20
46
41
123
lAbsolute maximum ratings (T
vj=25°C unless otherwise specified)
PW=10ms sinusoidal, Tvj=25°C
PW=10
ms square, T
vj=25°C
Tvj
104
Reverse voltage (repetitive peak)
Reverse voltage (DC)
Continuous forward current
(Tc= 40°C)
Range of storage temperature
Tstg
i
2t value
∫i2dt
PW
PW
A
PW=10ms sinusoidal, Tvj=150°C
54
-55 to +175
450
°C
175
A
2s
A
2s
°C
75
Surge non-
repetitive forward
current
(1) Cathode
(2) Anode
*1
*2
*3
www.rohm.com
©2023 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
1/7
TSQ50232-SCS320AM
15.Dec.2023 - Rev.001
Datasheet


Similar Part No. - SCS320AM

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS320AM ROHM-SCS320AM Datasheet
972Kb / 6P
SiC Schottky Barrier Diode
More results

Similar Description - SCS320AM

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS220AE ROHM-SCS220AE Datasheet
489Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
logo
Toshiba Semiconductor
TRS12N65D TOSHIBA-TRS12N65D Datasheet
163Kb / 5P
SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com