Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJAST Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CJAST
Description  TX6A™ Shielded Field Term RJ45 Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CJAST Datasheet(HTML) 1 Page - PANDUIT CORP.

  CJAST Datasheet HTML 1Page - PANDUIT CORP. CJAST Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
The TX6A™ Shielded Field Term RJ45 Plug is a simple-to-attach plug for
field termination of 4-pair shielded twisted pair cable. Providing Category 6A
performance the TX6A™ plug is also compatible with Category 6 and 5e
shielded systems. The two-piece straight TX6A™ shielded plug terminates
4-pair, 22 - 26 AWG, 100 ohm shielded twisted pair cable and uses proven
TG-style forward motion termination technology to optimize performance by
maintaining cable pair geometry while eliminating conductor untwist.
TX6A™ Shielded Field Term RJ45 Plug
applications
The simple-to-attach TX6A™ Shielded Field Term RJ45 Plug is ideal for connecting network-powered
devices to shielded networks using MPTL links or anywhere field attachment of a plug to shielded
cable is desired. Typical applications include:
• Wireless access points (WAPs)
• Power over Ethernet (PoE) LED lighting
• IP security cameras and motion sensors
• Building access control points
• Network-attached Audio/Video equipment
• Other PoE or HDBASE-T powered network
devices
technical information
Category 6A/Class EA
performance:
Exceeds ANSI/TIA 568.2-D Category 6A and ISO 11801 Class E
A
Channel performance requirements with up to two field term plugs in
channel. Meets or exceeds TIA Modular Plug Terminated Link (MPTL)
requirements with up to two field term plugs in link
Cable compatibility:
Compatible with 4-pair, 22–26 AWG solid or stranded shielded twisted
pair cable with conductor insulation diameters of 0.039 in. to 0.063
in. (1.0mm to 1.6mm) and overall cable O.D. 0.230 in. to 0.354 in.
(5.8mm to 9.0mm)
FCC and ANSI
compliance:
Meets ANSI/TIA-1096-A (formerly FCC Part 68)
IEC compliance:
IEC 60603-7, IEC 60529 (IP 20)
RoHS compliance:
Compliant
PoE & PoH compliance: Supports IEEE 802.3af / 802.3at (PoE/PoE+) and 802.3bt type 3 and
type 4 (PoE++) applications. Supports Power over HDBaseT up to
100 watts.
Plug mating cycles:
Rated to 2500 mating cycles
UL rated:
Operating temperature: -40°C to +85°C (-40°F to +185°F)
Storage temperature:
-40°C to +85°C (-40°F to +185°F)
UL 1863 (Use as communications circuit accessory)
UL 2043 (Suitable for use in air-handling spaces)
key features and benefits
Simple two-piece
assembly
Field friendly, easier to handle during field installation, saving time and
reducing termination error
Slim plug profile
Easily fits in tight port spaces or high-density port configurations
22-26 AWG termination
capable
Works with all commonly used solid and stranded shielded cabling
TG-style termination
technology
Proven electrical performance and quick installation speed from the
same forward-motion termination technology used in the Panduit
Mini-Com® TG Modular Jacks
Category 6A, 6, and 5e
compatibility
High performance capability and wide cable size range enable a
single plug for all common shielded cabling systems
Re-termination
Ability to re-terminate up to 20 times with no additional parts,
providing convenience and cost-savings in cases when plug must be
re-terminated to cable
Compact termination
tools
EGPT is fold-able and lightweight
SPECIFIC A TION SHEET
TX6A™ Shielded Field Term Plug
Field Term Plug:
FPS6X88MTG
Field Term Plug
10 pk:
FPS6X88MTG-X
Tools and Accessories
Termination Tool:
Wire Stripping
Tool:
EGPT or EGJT-1
CJAST
Wire Snipping
Tool:
Optional Test
Cord:
Shielded Straight
Field Term Plug
Wire Caps 10 pk:
CWST
FPS6X88TC
CPSCAPBL-X


Similar Part No. - CJAST

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJAST PANDUIT-CJAST Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
CJAST PANDUIT-CJAST Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
CJAST PANDUIT-CJAST Datasheet
157Kb / 2P
Mini-Jack ™TX5e™ UTP Jack Module
11/2010
CJAST PANDUIT-CJAST Datasheet
191Kb / 2P
Mini-Com® TX6™ PLUS UTP Jack Modules
CJAST PANDUIT-CJAST Datasheet
170Kb / 2P
Mini-Com TX6™ PLUS UTP Jack Modules
05/2016
More results

Similar Description - CJAST

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-RJ45-DFR-R ASSMANN-A-RJ45-DFR-R Datasheet
237Kb / 1P
RJ45 SHIELDED JACK
A-RJ45GFS-R ASSMANN-A-RJ45GFS-R Datasheet
346Kb / 1P
RJ45 SHIELDED CAT5E JACK
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
logo
PANDUIT CORP.
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
320Kb / 2P
TX6A 10GIG SHIELDED JACK MODULE
SPS6X88-C PANDUIT-SPS6X88-C Datasheet
120Kb / 2P
TX6A Category 6A Shielded Modular Plug
logo
HARTING Technology Grou...
09-12-000-9958 HARTING-09-12-000-9958 Datasheet
459Kb / 2P
RJ45 Plug
logo
PANDUIT CORP.
PUFR6X04BU-UG PANDUIT-PUFR6X04BU-UG Datasheet
177Kb / 2P
TX6A??10Gig??Shielded Copper Cable ??U/FTP
FP6X88MTG PANDUIT-FP6X88MTG Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
logo
Molex Electronics Ltd.
SD-64325-004 MOLEX-SD-64325-004 Datasheet
169Kb / 1P
WIRE SEAL PLUG RCPT 2.8 TERM
Rev. D1
logo
Bel Fuse Inc.
CT900011 BEL-CT900011 Datasheet
132Kb / 1P
RJ45 SHIELDED ESSENTIALS JACK
Rev. A0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com