Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C01470828 Datasheet(PDF) 10 Page - Norgren Ltd

Part # C01470828
Description  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01470828 Datasheet(HTML) 10 Page - Norgren Ltd

Back Button C01470828 Datasheet HTML 6Page - Norgren Ltd C01470828 Datasheet HTML 7Page - Norgren Ltd C01470828 Datasheet HTML 8Page - Norgren Ltd C01470828 Datasheet HTML 9Page - Norgren Ltd C01470828 Datasheet HTML 10Page - Norgren Ltd C01470828 Datasheet HTML 11Page - Norgren Ltd C01470828 Datasheet HTML 12Page - Norgren Ltd C01470828 Datasheet HTML 13Page - Norgren Ltd C01470828 Datasheet HTML 14Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
02/04
N/UK 9.1.001.010
PNEUFIT® C & PNEUFIT® M
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
Banjo Flow Control
(in)
Ø A
B
C
C1
E
G
G1
Ø K
Typ
min.
max.
C
G 1
2
1
B
C0SA0
4
R1/8
30,5
35,0
40,0
14,5
8,0
16,5
9,5
11
C0SA00418
4
R1/4
34,5
40,0
45,5
18,0
10,0
16,5
9,5
15
C0SA00428
6
R1/8
31,0
35,0
40,0
14,5
8,0
17,5
12,0
11
C0SA00618
6
R1/4
35,0
40,0
45,5
18,0
10,0
17,5
12,0
15
C0SA00628
6
R3/8
39,0
46,5
55,0
21,0
11,0
17,5
12,0
19
C0SA00638
8
R1/8
33,0
35,0
40,0
15,5
8,0
18,5
14,0
11
C0SA00818
8
R1/4
37,0
40,0
45,5
19,0
10,0
18,5
14,0
15
C0SA00828
8
R3/8
40,0
46,5
55,0
21,0
11,0
18,5
14,0
19
C0SA00838
8
R1/2
46,0
53,0
60,0
25,0
14,0
18,5
14,0
24
C0SA00848
10
R1/4
39,0
40,0
45,5
20,0
10,0
19,5
16,5
15
C0SA01028
10
R3/8
42,0
46,5
55,0
22,5
11,0
19,5
16,5
19
C0SA01038
10
R1/2
47,5
53,0
60,0
25,0
14,0
19,5
16,5
24
C0SA01048
12
R1/4
41,0
40,0
45,5
22,0
10,0
22
19,0
15
C0SA01228
12
R3/8
46,0
46,5
55,0
23,0
11,0
22
19,0
19
C0SA01238
12
R1/2
50,0
53,0
60,0
27,0
14,0
22
19,0
24
C0SA01248
Please see Speed Controllers Flowrate on page 4
Ø A
B
C
C1
E
G
G1
Ø K
Typ
min.
max.
C
G 1
2
1
B
C0L51
3
M5
21,5
27,0
30,0
9,5
3,5
11,0
7,5
8
COL510305
4
M5
25,0
27,0
30,0
10,0
3,5
16,0
9,5
15
COL510405
4
G1/8 30,5
35,0
40,0
15,0
6,0
16,0
9,5
8
COL510418
4
G1/4 34,5
40,0
45,5
17,0
8,0
16,0
9,5
12
COL510428
6
M5
28,0
27,0
30,0
11,0
3,5
17,5
12,0
8
COL510605
6
G1/8 31,0
35,0
40,0
15,0
6,0
17,5
12,0
8
COL510618
6
G1/4 35,0
40,0
45,5
17,0
8,0
17,5
12,0
12
COL510628
6
G3/8 39,0
46,5
55,0
21,0
8,0
17,5
12,0
14
COL510638
8
G1/8 33,0
35,0
40,0
14,0
6,0
18,5
14,0
8
COL510818
8
G1/4 37,0
40,0
45,5
16,0
8,0
18,5
14,0
12
COL510828
8
G3/8 40,0
46,5
55,0
21,0
8,0
18,5
14,0
14
COL510838
8
G1/2 46,0
53,0
60,0
22,5
9,0
18,5
14,0
19
COL510848
10
G1/4 39,0
40,0
45,5
18,0
8,0
19,5
16,5
12
COL511028
10
G3/8 42,0
46,5
55,0
19,5
8,0
19,5
16,5
14
COL511038
10
G1/2 47,5
53,0
60,0
22,5
9,0
19,5
16,5
19
COL511048
12
G1/4 41,0
40,0
45,5
20,0
8,0
22,0
19,0
12
COL511228
12
G3/8 46,0
46,5
55,0
19,0
8,0
22,0
19,0
14
COL511238
12
G1/2 50,0
53,0
60,0
21,0
9,0
22,0
19,0
19
COL511248
Please see Speed Controllers Flowrate on page 4
Ø A
C
C1
D
E
G
Ø K
N
Typ
min.
max.
C
E
D
12
G
C00GE
In-Line Flow Control
4
45,0
30,0
33,0
3,3
15,0
16,5
9,5
13,5
CO0GE0400
6
50,0
35,0
39,5
4,4
20,5
17,5
12,0
17,5
CO0GE0600
8
55,5
37,5
42,0
4,4
23,0
18,5
14,0
20,0
CO0GE0800
10
61,0
44,0
49,0
4,4
28,0
19,5
16,5
23,0
CO0GE1000
12
70,0
47,5
53,5
4,4
32,0
22,0
19,0
25,5
CO0GE1200
Please see Speed Controllers Flowrate on page 4
O
C
G
ø A
ø K
EE
Ø A
C
C1
Ø D
E
G
G1
H
Ø K
O
Typ
C0060
Union Tee
4
36,5
19,0
3,3
6,5
16,5
12,5
8,5
9,5
10,5
C00600400
6
42,0
21,5
3,3
7,5
17,5
13,5
7,5
12,0 12,5
C00600600
8
45,0
23,5
4,3
9,0
18,5
15,0
9,0
14,0 14,5
C00600800
10
48,0
25,5
4,3
10,0
20,0
15,5
11,0 16,5 17,5
C00601000
12
57,0
29,5
4,3
13,0
22,0
16,5
12,5 19,0 20,5
C00601200
16
68,0
34,5
4,3
16,0
24,0
18,0
16,0 25,0 25,5
C00601600
1
2
1
2
Banjo Flow Control
(in)
12
O
C
G
ø A1
ø K1
E
E
C006A
Union Tee
(Unequal)
Ø A
Ø A1
C
C1
Ø D
E
G
G1
H
Ø K
Ø K1 O
Typ
6
4
41,5 19,0
3,3
7,0
17,5 12,5
8,0 12,0
9,5
12,5 C006A0604
8
6
45,0 22,0
4,3
8,5
18,5 13,5
9,5 14,0
12,0
15,0 C006A0806
10
6
49,0 23,0
4,3
8,5
19,5 13,5
11,0 16,5
12,0
17,5 C006A1006
10
8
49,0 25,0
4,3
9,5
19,5 15,0
11,0 16,5
14,0
17,5 C006A1008
12
8
56,0 25,5
4,3
9,5
22,0 15,0
12,5 19,0
14,0
20,5 C006A1208
12
10
56,0 27,5
4,3
11,0 22,0 15,5
12,5 19,0
16,5
20,5 C006A1210
16
10
61,0 30,5
4,3
11,5 24,0 15,5
16,0 25,0
16,5
25,5 C006A1610
16
12
63,5 33,0
4,3
13,0 24,0 16,5
16,0 25,0
19,0
25,5 C006A1612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com