Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C01471648 Datasheet(PDF) 5 Page - Norgren Ltd

Part # C01471648
Description  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01471648 Datasheet(HTML) 5 Page - Norgren Ltd

  C01471648 Datasheet HTML 1Page - Norgren Ltd C01471648 Datasheet HTML 2Page - Norgren Ltd C01471648 Datasheet HTML 3Page - Norgren Ltd C01471648 Datasheet HTML 4Page - Norgren Ltd C01471648 Datasheet HTML 5Page - Norgren Ltd C01471648 Datasheet HTML 6Page - Norgren Ltd C01471648 Datasheet HTML 7Page - Norgren Ltd C01471648 Datasheet HTML 8Page - Norgren Ltd C01471648 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
02/04
PNEUFIT® C & PNEUFIT® M
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
N/UK 9.1.001.05
C
O
G
Straight Union
C0020
* no nail hole in 16 mm
Ø A
C
Ø D
G
H
Ø K
O
Typ
4
34,5
3,3
16,5
4,5
9,5
10,5
C00200400
6
37,0
3,3
17,5
5,5
12,0
12,5
C00200600
8
39,5
4,3
18,5
7,0
14,0
14,5
C00200800
10
43,0
4,3
19,5
8,0
16,5
17,5
C00201000
12
48,0
4,3
22,0
9,5
19,0
20,5
C00201200
16
51,0
-*
24,0
-*
25,0
-*
C00201600
C
GG 1
Straight Union
(Unequal)
C0020
Ø A
Ø A1
C
G
G1
Ø K
Ø K1
Typ
6
4
36,5
17,5
16,5
12,0
9,5
C00200604
8
6
37,5
18,5
17,5
14,0
12,0
C00200806
10
8
41,0
19,5
18,5
16,5
14,0
C00201008
12
10
44,0
22,0
19,5
19,0
16,5
C00201210
16
12
49,5
24,0
22,0
25,0
19,0
C00201612
G
C
G 1
Straight Adaptor
(External + internal hex)
C0225
Ø A
B
C
G
G1
Ø K
1
Typ
4
M5
22,0
4,0
16,0
9,5
10
2
C02250405
4
M6
22,0
8,0
16,0
9,5
10
2
C02250406
4
G1/8
21,5
6,0
16,0
9,5
13
3
C02250418
4
G1/4
23,5
8,0
16,0
9,5
15
3
C02250428
4
G3/8
22,0
8,0
16,0
9,5
17
3
C02250438
6
M5
23,5
5,0
16,5
12,0
10
2
C02250605
6
M6
23,0
4,0
16,5
12,0
12
2
C02250606
6
G1/8
26,5
6,0
17,5
12,0
15
5
C02250618
6
G1/4
24,5
8,0
16,5
12,0
15
5
C02250628
6
G3/8
25,5
8,0
16,5
12,0
17
5
C02250638
8
G1/8
26,5
6,0
17,5
14,0
15
5
C02250818
8
G1/4
26,5
8,0
17,5
14,0
15
6
C02250828
8
G3/8
25,0
8,0
17,5
14,0
17
6
C02250838
8
G1/2
26,0
9,0
17,5
14,0
21
6
C02250848
10
G1/8
29,5
6,0
18,5
16,5
17
5
C02251018
10
G1/4
30,0
8,0
18,5
16,5
17
8
C02251028
10
G3/8
27,0
8,0
18,5
16,5
17
8
C02251038
10
G1/2
28,5
9,0
18,5
16,5
21
8
C02251048
12
G1/4
32,0
8,0
21,0
19,0
19
8
C02251228
12
G3/8
31,5
8,0
21,0
19,0
19
8
C02251238
12
G1/2
31,5
9,0
21,0
19,0
21
8
C02251248
16
G3/8
36,5
8,0
25,0
25,0
24
8
C02251638
16
G1/2
36,5
9,0
25,0
25,0
24
10
C02251648
G
C
G 1
Straight Adaptor
(External + internal hex)
C0125
Ø A
B
C
G
G1
Ø K
1
Typ
4
R1/8
21,5
8,0
16,0
9,5
10
3
C01250418
4
R1/4
20,5
10,0
16,0
9,5
14
3
C01250428
4
R3/8
22,0
11,0
16,0
9,5
17
3
C01250438
6
R1/8
22,0
8,0
16,5
12,0
12
4
C01250618
6
R1/4
21,0
10,0
16,5
12,0
14
5
C01250628
6
R3/8
22,0
11,0
16,5
12,0
17
5
C01250638
6
R1/2
29,5
14,0
16,5
12,0
19
5
C01250648
8
R1/8
27,5
8,0
17,5
14,0
14
5
C01250818
8
R1/4
25,5
10,0
17,5
14,0
14
6
C01250828
8
R3/8
23,0
11,0
17,5
14,0
17
6
C01250838
8
R1/2
29,5
14,0
17,5
14,0
19
6
C01250848
10
R1/8
28,5
8,0
18,5
16,5
17
5
C01251018
10
R1/4
30,5
10,0
18,5
16,5
17
6
C01251028
10
R3/8
24,5
11,0
18,5
16,5
17
8
C01251038
10
R1/2
29,5
14,0
18,5
16,5
19
8
C01251048
12
R1/8
31,5
8,0
21,0
19,0
19
5
C01251218
12
R1/4
33,0
10,0
21,0
19,0
19
6
C01251228
12
R3/8
30,0
11,0
21,0
19,0
19
8
C01251238
12
R1/2
30,0
14,0
21,0
19,0
19
8
C01251248
16
R3/8
37,5
11,0
25,0
25,0
24
8
C01251638
16
R1/2
40,5
14,0
25,0
25,0
24
10
C01251648
C
G 1
G
C012A, C022A
Ø A
B
C
G
G1
Ø K
1
Typ
4
M5
22,0
4,5
16,0
9,5
2
C022A0405
4
M6
22,0
4,0
16,0
9,5
2
C022A0406
4
R1/8
20,5
8,0
16,0
9,5
3
C012A0418
4
R1/4
20,5
10,0
16,0
9,5
3
C012A0428
4
R3/8
20,5
11,0
16,0
9,5
3
C012A0438
6
M5
22,5
5,0
16,5
12,0
2
C022A0605
6
M6
22,5
4,0
16,5
12,0
2
C022A0606
6
R1/8
22,0
8,0
16,5
12,0
4
C012A0618
6
R1/4
22,5
10,0
16,5
12,0
4
C012A0628
6
R3/8
22,5
11,0
16,5
12,0
4
C012A0638
8
R1/8
27,0
8,0
17,5
14,0
4
C012A0818
8
R1/4
25,0
10,0
17,5
14,0
6
C012A0828
8
R3/8
25,0
11,0
17,5
14,0
6
C012A0838
8
R1/2
25,0
14,0
17,5
14,0
6
C012A0848
10
R1/8
28,0
8,0
18,5
16,5
5
C012A1018
10
R1/4
29,0
10,0
18,5
16,5
6
C012A1028
10
R3/8
29,0
11,0
18,5
16,5
6
C012A1038
10
R1/2
29,0
14,0
18,5
16,5
6
C012A1048
12
R1/8
35,0
8,0
21,0
19,0
5
C012A1218
12
R1/4
32,5
10,0
21,0
19,0
6
C012A1228
12
R3/8
32,5
11,0
21,0
19,0
8
C012A1238
12
R1/2
32,5
14,0
21,0
19,0
8
C012A1248
Straight Adaptor
(Internal hex only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com