Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEB2 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PEB2
Description  Mini-Com™ Flush Mount Modular Patch Panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PEB2 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PEB2 Datasheet HTML 1Page - PANDUIT CORP. PEB2 Datasheet HTML 2Page - PANDUIT CORP. PEB2 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.panduit.com
specifications
Flush mount modular patch panels shall consist of a
metal panels with molded rear snap-in faceplates.
Patch Panels shall accept all Mini Com modules for
UTP, STP, fiber or A/V applications and shall mount to
standard 19" racks. Patch panels shall be available in
24-port and 48-port standard density. Select styles
shall be available in white. Flush mount patch panels
shall be easy to identify with pre-numbered ports.
Angled patch panels shall be designed at an optimum
angle to help route the cable.
Mini-Com™ Flush Mount Modular
Patch Panels
Mini-Com™ Flush Mount Modular Patch Panels
are ideal for multi-media applications; they
accept all Mini-Com™ Modules. Flat and angled
designs in various port densities available to fit
most needs, include pre-numbered port
identification. Angled patch panels are available
for applications in which rack space is limited.
The design allows cable to flow to each side of
the rack, minimizing the need for horizontal cable
managers and increasing the density of the rack
space. Flush mount patch panels can mount on
a standard 19" rack or a 23" rack when using the
extender brackets PEB1 or PEB2.
technical information
Mounting options:
Mounts to standard 19" rack
Material:
Stamping is CRS and faceplate is ABS
Packaging:
Packaged with appropriate pre-installed snap in faceplates
and a set of mounting screws (#12-24)
key features and benefits
Modular
Accepts all Panduit Mini-Com™ Modules to mix and match
media types in the same panel
Angled design
Minimize the need for horizontal cable managers by enabling
patch cords to be routed directly into vertical cable managers
which leads to increase closet density
Port and panel identification
Pre-numbered ports with write on areas
Optional strain relief bars
To help support and manage cables
Optional filler panels
Flat and angled design fill unused rack openings to provide
a clean and consistent look when used with any version of
Panduit patch panels
Optional extender bracket
Allows 19" patch panels to be mounted on a 23" rack
Color options
Select styles available in white, standard color is black
applications
SPECIFICATION SHEET
Flat Style with ports grouped in 4
BLACK:
CPP24FMWBLY
24-port, 1 RU
CPP48FMWBLY
48-port, 2 RU
CPP48FMVNSWBLY 48-port, 2 RU
WHITE:
CPP24FMWWH
24-port, 1 RU
CPP48FMWWH
48-port, 2 RU
Angled Style with ports grouped in 4
BLACK:
CPPA24FMWBLY
24-port, 1 RU
CPPA48FMWBLY
48-port, 2 RU
WHITE:
CPPA24FMWWH
24-port, 1 RU
CPPA48FMWWH
48-port, 2 RU
Flat Style with ports grouped in 6
CPP48FM6BL
48-port, 2 RU
CPP48FM6VNSBL
48-port, 2 RU
(vertical numbering)
Angled Style with ports grouped in 6
CPPA48FM6BL
48-port, 2 RU
CPPA48FM6VNSBL 48-port, 2 RU
(vertical numbering)
Patch Panel Accessories
BLACK:
CPATCBL Transitional cover
CPAF1BLY Angled filler panel 1 RU
CPAF2BLY Angled filler panel 2 RU
DPFP1
Flat filler panel 1 RU
DPFP2
Flat filler panel 2 RU
WHITE:
CPATCWH Transitional cover
CPAF1WH Angled filler panel 1 RU
CPAF2WH Angled filler panel 2 RU
DPFP1WH Flat filler panel 1 RU
DPFP2WH Flat filler panel 2 RU
Extender Brackets
PEB1
1 RU
PEB2
2 RU


Similar Part No. - PEB2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PEB2 PANDUIT-PEB2 Datasheet
735Kb / 3P
Mini-Com짰 Modular Patch Panels with Faceplates
PEB2 PANDUIT-PEB2 Datasheet
605Kb / 3P
Mini-Com Modular Patch Panels with Faceplates
4/2022
PEB2 PANDUIT-PEB2 Datasheet
747Kb / 2P
High Capacity Horizontal Cable Managers
8/2020
logo
Siemens Semiconductor G...
PEB2023 SIEMENS-PEB2023 Datasheet
145Kb / 25P
ISDN DC Converter Circuit IDCC
PEB2025 SIEMENS-PEB2025 Datasheet
689Kb / 21P
ISDN Exchange Power Controller
More results

Similar Description - PEB2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1711278-1 MACOM-1711278-1 Datasheet
83Kb / 1P
Shielded Patch Panels
logo
PANDUIT CORP.
CP24BLY PANDUIT-CP24BLY Datasheet
105Kb / 2P
Mini-Com All Metal Shielded Modular Patch Panels
CPPL24WRBLY PANDUIT-CPPL24WRBLY Datasheet
220Kb / 1P
Mini-Com Recessed Modular Faceplate Patch Panels
CWPP12WBL PANDUIT-CWPP12WBL Datasheet
142Kb / 1P
Mini-Com 12-Port Modular Faceplate Patch Panels
DPA245E88TGY PANDUIT-DPA245E88TGY Datasheet
453Kb / 1P
DP5e UTP Patch Panels
CPPL24WBLY PANDUIT-CPPL24WBLY Datasheet
735Kb / 3P
Mini-Com짰 Modular Patch Panels with Faceplates
CPPKL6ATG48WBL PANDUIT-CPPKL6ATG48WBL Datasheet
171Kb / 1P
MINI-COM 48 PORT TX6A 10 GIG MODULAR PATCH PANEL KIT
6-25-13
logo
PHOENIX CONTACT
2703015 PHOENIX-2703015 Datasheet
955Kb / 25P
Patch panels - PP-RJ-RJ
Dec 6, 2022
2703016 PHOENIX-2703016 Datasheet
1Mb / 29P
Patch panels - PP-RJ-SC
Dec 6, 2022
2703018 PHOENIX-2703018 Datasheet
1Mb / 30P
Patch panels - PP-RJ-SCC
Dec 6, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com