Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAEBHUSBAA Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # IAEBHUSBAA
Description  Data Access Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

IAEBHUSBAA Datasheet(HTML) 2 Page - PANDUIT CORP.

  IAEBHUSBAA Datasheet HTML 1Page - PANDUIT CORP. IAEBHUSBAA Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.55 Ø
[39.5]
PANDUIT CATEGORY 5e RJ45
TO RJ45 COUPLER MODULE
4.22 Ø
[107.2]
15 AMP SIMPLEX
OUTLET
DATA ACCESS PORT
FACEPLATE
PANDUIT USB 2.0 FEMALE A
TO FEMALE A COUPLER MODULE
PANDUIT CATEGORY 5e RJ45
TO RJ45 COUPLER MODULE
5.31
[134.9]
4 Inch Data Access Port
Part Number
Description
DAP4BC-G0
Data Access Port, 4in. Base, GFCI Outlet
DAP4BB-G0
Data Access Port, 4in. Base w/ Black Cover, GFCI Outlet
DAP4BC-X0
Data Access Port, 4in Base w/ International Faceplate insert
DAP4BC-G0-5U
Data Access Port, 4in. Base, GFCI Outlet, CAT 5e Coupler, USB Coupler
DAP4BC-G0-5
Data Access Port, 4in. Base, GFCI Outlet, CAT 5e Coupler
DAP4BC-G3-5
Data Access Port, 4in. Base, GFCI Outlet, CAT 5e Coupler, 3 Amp Breaker
DAP4BC-G0-4
Data Access Port, 4in. Base, GFCI Outlet, CAT 5e Shielded Coupler
DAP4BC-G3-4
Data Access Port, 4in. Base, GFCI Outlet, CAT 5e Shielded Coupler,
3 Amp Breaker
DAP4BC-G0-6
Data Access Port, 4in. Base, GFCI Outlet, CAT 6 Coupler
DAP4BC-G3-6
Data Access Port, 4in. Base, GFCI Outlet, CAT 6 Coupler, 3 Amp Breaker
Data Access Port
5.2 Ø
[133.4]
15 AMP GFCI
DUPLEX OUTLET
DATA ACCESS PORT
FACEPLATE
PANDUIT CATEGORY 5e RJ45
TO RJ45 COUPLER MODULE
PANDUIT MINI-COM
BLANK MODULE
3 AMP CIRCUIT
BREAKER
6.4
[162.2]
part information
©2019 Panduit Corp.
ALL RIGHTS RESERVED.
SFSP07--SA-ENG
REPLACES SFSP06--SA-ENG
1/2019
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
3 Inch Data Access Port
Part Number
Description
DAP3BC-00-55
Data Access Port, 3in. Base, Two CAT 5e Couplers
DAP3BC-S0
Data Access Port, 3in. Base, Simplex Outlet
DAP3BB-S0
Data Access Port, 3in. Base w/ Black Cover, Simplex Outlet
DAP3BC-S0-55
Data Access Port, 3in. Base, Simplex Outlet, Two CAT 5e Couplers
DAP3BC-S0-5U
Data Access Port, 3in. Base, Simplex Outlet, CAT 5e Coupler, USB Coupler
DAP3BC-S0-5
Data Access Port, 3in. Base, Simplex Outlet, CAT 5e Coupler
DAP3BC-S3-5
Data Access Port, 3in. Base, Simplex Outlet, 3 Amp Breaker, CAT 5e Coupler
DAP3BC-S0-4
Data Access Port, 3in. Base, Simplex Outlet, CAT 5e Shielded Coupler
DAP3BC-S3-4
Data Access Port, 3in. Base, Simplex Outlet, 3 Amp Circuit Breaker, CAT 5e
Shielded Coupler
DAP3BC-S0-6
Data Access Port, 3in. Base, Simplex Outlet, CAT 6 Coupler
DAP3BC-S3-6
Data Access Port, 3in. Base, Simplex Outlet, 3 Amp Breaker, CAT 6 Coupler
30 Millimeter Data Access Port
Part Number
Description
IAEBHUSBAA
30mm IndustrialNet™ USB industrial bulkhead connector with protective cover
IAEBH5E
30mm IndustrialNet™ Category 5e, 8-position, 8-wire industrial bulkhead
connector with protective cover
IAEBHC5E
30mm IndustrialNet™ Category 5e, 8-position, 8-wire industrial black bulkhead
coupler with protective cover.
IAEBH5ES
30mm Category 5e, 8-position, 8-wire shielded industrial connector with
protective cover.
IAEBHC5ES
30mm IndustrialNet™ Category 5e, 8-position, 8-wire shielded industrial
bulkhead coupler with protective cover.
IAEBH6
30mm IndustrialNet™ Category 6, RJ45, 8-position, 8-wire industrial bulkhead
connector with protective cover.
IAEBHC6
30mm IndustrialNet™ Category 6, RJ45, 8-position, 8-wire black industrial
bulkhead coupler with protective cover.
IAEBH6S
30mm IndustrialNet™ Category 6, RJ45, 8-position, 8-wire shielded black
industrial bulkhead connector with protective cover.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com