Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAEBH6 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # IAEBH6
Description  Data Access Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

IAEBH6 Datasheet(HTML) 1 Page - PANDUIT CORP.

  IAEBH6 Datasheet HTML 1Page - PANDUIT CORP. IAEBH6 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30 Millimeter Data Access Port*
30mm, IndustrialNet™
USB industrial
bulkhead connector
with protective cover: IAEBHUSBAA
*See part information table for full product offering
3 Inch Data Access Port*
Data Access Port,
3in. Base,
Simplex Outlet,
CAT 5e Coupler:
DAP3BC-S0-5
Data Access Port,
3in. Base, Simplex Outlet,
3 Amp Breaker,
CAT 5e Coupler:
DAP3BC-S3-5
*See part information table for full product offering
4 Inch Data Access Port*
Data Access Port,
4in. Base, GFCI Outlet,
Cat 5e Coupler:
DAP4BC-G0-5
Data Access Port,
4in. Base, GFCI Outlet,
Cat 5e Coupler,
3 Amp Breaker:
DAP4BC-G3-5
*See part information table for full product offering
Related Products
Mini-Com® Category 5e,
RJ45, 8-position,
8-wire universal coupler
module, black:
CC5E88BL‡
Mini-Com® Category 5e
shielded, RJ45, 8-position,
8-wire universal coupler
module, black:
CCS5E88BL
Mini-Com® Category 6,
RJ45, 8-position,
8-wire universal coupler
module, black:
CC688BL‡
Mini-Com® Category 6A,
RJ45, 8-position,
8-wire universal coupler
module, black:
CC6X88BL‡
Mini-Com® USB
2.0 female A to
female A coupler
module, black:
CMUSBAABL‡
9-pin female/female
D-subminiature coupler
in 1/3-size insert for
use with Data
Access Port:
IAPHD9CWH
Data Access Port,
3 Amp Circuit
Breaker Kit:
DAP-3AMP-KIT
Data Access Port,
5 Amp Circuit
Breaker Kit:
DAP-5AMP-KIT
‡For additional colors, add suffix: BL (Black), IW
(Off White), BU (Blue), RD (Red), GR (Green), OR
(Orange), IG (International Gray), or YL (Yellow).
www.panduit.com
Degree of Protection:
Rated Type (UL, CSA, NEMA) 4, 4X, and 12
Ingress Rating:
Complies with IP65 per IEC 60529
UL Recognized:
Rated to UL50, UL50E, UL508A, CSA C22.2 NO. 14-13, and CSA
C22.2 NO. 94.1/NO. 94.2
Internationally
Recognized:
CE Mark
technical information
specifications
Data access ports provide end users a safe and secure means to maintain and monitor
performance of PLCs, VFDs, and industrial networks. Integrated security features shall
prevent the disruption of service or unwanted access by unauthorized personnel. Non-arc
flash certified personnel can access networks within the panel which reduces cost, increases
efficiency, and promotes overall safety. Furthermore, the new, innovative circular design
allows for quick and easy installation. Aluminum casted base with a low profile, plastic
impact resistant cover and modular faceplate mount protects all connections.
applications
The Data Access Port provides
data port and electrical outlet
access to equipment without the
safety hazards of opening the
panel. The access port provides
availability to log in to the network
at the work site and can be used
for reprogramming internal
controllers. The circular design
allows for data access ports to be
installed effortlessly by using a
standard panel punch. The
modular design allows for RJ45
jacks, circuit breakers, USB, and
other modular connectors to be
interchanged at any time, allowing
maximum design flexibility. Snap
on mounting plate covers
mounting screws and prevents
tampering or unauthorized
removal of access port from the
control panel. Data access port
has both a quarter turn lock and
provisions for a padlock, both
of which provide exceptional
security. Versions are configured
to accommodate any specification,
including custom marking. In
addition to the Simplex and GFCI
outlets, options are available to
incorporate standard 45mm
European outlets.
Data Access Port
SPECIFICA TION SHEET
key features and benefits
Ease of Installation:
Circular frame design allows for the use of standard
punch dies providing cleaner installation and up to
50% in labor savings
Ultimate Modularity:
Modular design allows for interchangeable port layouts
providing:
- Design flexibility
- Field upgradeability
- Adaptable inventory
Reduced Inventory:
All part numbers are rated Type (UL, CSA, NEMA) 4,
4X and 12, reducing the need to stock different SKUs
for different rating listings
Locking Hasp:
Accepts Panduit lockout/tagout products or padlocks to
prevent unauthorized access for improved security
Custom Marking:
Standard SKUs have custom marking options, allowing
users to place custom artwork on the cover of the 3" and
4" data access ports models


Similar Part No. - IAEBH6

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
IAEBH6X PANDUIT-IAEBH6X Datasheet
282Kb / 2P
IndustrialNet™ TX6A™ Patch Cords
12/2016
IAEBH6XS PANDUIT-IAEBH6XS Datasheet
282Kb / 2P
IndustrialNet™ TX6A™ Patch Cords
12/2016
More results

Similar Description - IAEBH6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
Enhanced ISDN Data Access Controller ISAR
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
Data Access Arrangement Preliminary Information
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
National Semiconductor ...
54F407 NSC-54F407 Datasheet
165Kb / 10P
DATA ACCESS REGISTER
logo
Clare, Inc.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
Data Access Arrangement (DAA) Module
logo
Analog Devices
EVAL-1CH2CHSOICEBZ AD-EVAL-1CH2CHSOICEBZ Datasheet
328Kb / 8P
Access to 2 data channels
Rev. 0
EVAL-5CH6CHSOICEBZ AD-EVAL-5CH6CHSOICEBZ Datasheet
439Kb / 8P
Access to all data channels
Rev. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com