Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFPAGS2SAWY Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # CFPAGS2SAWY
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPAGS2SAWY Datasheet(HTML) 5 Page - PANDUIT CORP.

  CFPAGS2SAWY Datasheet HTML 1Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 2Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 3Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 4Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 5Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 6Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 7Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 8Page - PANDUIT CORP. CFPAGS2SAWY Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TM
www.panduit.com
For service and technical support, call 1-800-PANDUIT.
5
Network Infrastructure for the Enterprise
< Previous Page Table of Contents Next Page >
Faceplates
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UK Faceplates
CFPUKS2SAWY
86mm x 86mm single gang faceplate frame and one 1/2-size
sloped shuttered module insert.
1
1
CFPUKS4SAW-2GY 86mm x 146mm double gang faceplate frame and two 1/2-sized
sloped shuttered module inserts.
1
1
CFPLUKF2SAW
86mm x 86mm single gang shuttered faceplate with label and icon
slots. Accepts up to two Mini-Com™ Modules. Includes two
M3.5-0.5x30mm panhead mounting screws.
1
1
CFPLUKF4SAW
86mm 86,,m single gang shuttered faceplate with label and icon
slots. Accepts up to four Mini-Com™ Modules. Includes two
M3.5-0.5x30mm panhead mounting screws
1
1
CFPUKS2BAWY
86mm x 86mm single gang faceplate holds up to two
Mini-Com™ Modules. Supplied with CMB blank module.
1
1
CFPUKS3AWY
86mm x 86mm single gang faceplate hold up to three
Mini-Com™ Modules.
1
1
CFP86S2AWY
86mm x 86mm single gang sloped faceplate with screw cover.
Accepts two Mini-Com™ Modules.
1
1
UK Adapters
CM6CSAW-X
Shuttered module snaps into standard UK LJU6C floor box
mounting plates, faceplates and patch panels. Holds one
Mini-Com™ Module. Compatible with standard UK LJU6C
openings with 22.3mm x 36.9mm dimensions.
10
50
CM6CSSAW-X
Sloped shuttered module snaps into standard UK LJU6C floor
box mounting plates, faceplates and patch panels. Holds one
Mini-Com™ Module. Compatible with standard UK LJU6C
openings with 22.3mm x 36.9mm dimensions.
10
50
CM6CESAW-X
Shuttered Euro-mod adapter accepts one Mini-Com™ Module
(25mm x 50mm).
10
50
CM6CESSAW-X
Sloped shuttered Euro-mod adapter accepts one
Mini-Com™ Module (25mm x 50mm).
10
50
German Faceplates
CFPE3AWY
80mm x 80mm faceplate frame and one 55mm x 55mm sloped
faceplate accepts up to three Mini-Com™ Modules. Supplied with
mounting screws, metal mounting plate, label and label cover.
1
1
CFPAGS2AWY
50mm x 50mm adapter and one 1/2-size sloped module insert
accepts up to two Mini-Com™ Modules. Supplied with mounting
screws and metal mounting plate.
1
1
CFPAGS2SAWY
50mm x 50mm adapter and one 1/2-size sloped shuttered module
insert accepts up to two Mini-Com™ Modules. Supplied with
mounting screws and metal mounting plate.
1
1
CHES3AWY
55mm x 55mm sloped faceplate holds up to three Mini-Com™
Modules. Supplied with mounting screws, metal mounting plate,
label and label cover.
1
1
FCFPAW
80mm x 80mm faceplate frame accepts all Panduit 50mm x 50mm
adapters and the CHES3AWY adapter.
1
1
CFPUKS2SAWY
CFPE3AWY
(continued on page 6)
CFPUKS3AWY
CM6CSSAW-X
CM6CESSAW-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com