Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM8024 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM8024
Description  LTM8024 40V, Dual 3A Step-Down μModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 3 Page - Analog Devices

  LTM8024 Datasheet HTML 1Page - Analog Devices LTM8024 Datasheet HTML 2Page - Analog Devices LTM8024 Datasheet HTML 3Page - Analog Devices LTM8024 Datasheet HTML 4Page - Analog Devices LTM8024 Datasheet HTML 5Page - Analog Devices LTM8024 Datasheet HTML 6Page - Analog Devices LTM8024 Datasheet HTML 7Page - Analog Devices LTM8024 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DEMO MANUAL DC1868A
Rev. 0
QUICK START PROCEDURE
+
–
VOUT
GND
COUT
Figure 2. Measuring Output Voltage Ripple
LOAD CURRENT (A)
0.01
0.10
1.0
10.0
60
65
70
75
80
85
90
95
100
DC1868A F03
12VIN BM – CH2 OFF
24VIN BM – CH2 OFF
36VIN BM – CH2 OFF
LOAD CURRENT (A)
0.01
0.10
1.0
10.0
60
65
70
75
80
85
90
95
100
DC1868A F04
12VIN BM – CH1 OFF
24VIN BM – CH1 OFF
36VIN BM – CH1 OFF
Figure 3. 5V Efficiency vs Load Current
(Burst Mode Operation, 1MHz, Channel 2 Off)
Figure 4. 3.3V Efficiency vs Load Current
(Burst Mode Operation, 1MHz, Channel 1 Off)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com