Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IM-K-FF Datasheet(PDF) 1 Page - Labfacility Ltd

Part # IM-K-FF
Description  Miniature Rectangular Thermocouple Connector Fascia Socket IM-K-FF Type K IEC (Pack of 10)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

IM-K-FF Datasheet(HTML) 1 Page - Labfacility Ltd

  IM-K-FF Datasheet HTML 1Page - Labfacility Ltd IM-K-FF Datasheet HTML 2Page - Labfacility Ltd IM-K-FF Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Miniature Rectangular Thermocouple
Connector Fascia Socket IM-K-FF Type K IEC
(Pack of 10)
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - IM-K-FF

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
IM-K-FF LABFACILITY-IM-K-FF Datasheet
968Kb / 2P
Miniature Panel Sockets
IM-K-FF + FMP-1 LABFACILITY-IM-K-FF + FMP-1 Datasheet
730Kb / 4P
IEC Miniature Thermocouple Panel Systems – Type K
Mar-24
IM-K-FF + FMP-1 LABFACILITY-IM-K-FF + FMP-1 Datasheet
723Kb / 4P
IEC Miniature Thermocouple Panel Systems – Type J
Mar-24
IM-K-FF + FMP-1 LABFACILITY-IM-K-FF + FMP-1 Datasheet
730Kb / 4P
IEC Standard Thermocouple Panel Systems – Type K
Mar-24
IM-K-FF + FMP-1 LABFACILITY-IM-K-FF + FMP-1 Datasheet
729Kb / 4P
IEC Standard Thermocouple Panel Systems – Type J
Mar-24
More results

Similar Description - IM-K-FF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2111 ONSEMI-MUN2111 Datasheet
146Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
MUN2211 ONSEMI-MUN2211 Datasheet
140Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
August, 2012 ??Rev. 4
MUN2211 ONSEMI-MUN2211_14 Datasheet
149Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
February, 2014 ??Rev. 6
logo
Adels-Contact
121610 ADELS-121610 Datasheet
120Kb / 2P
230 K/10
125610 ADELS-125610 Datasheet
121Kb / 2P
1000 K/10
128610 ADELS-128610 Datasheet
151Kb / 2P
2000 K/10
logo
WAGO Kontakttechnik Gmb...
750-469-003-000 WAGO-750-469-003-000 Datasheet
462Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
753-469 WAGO-753-469 Datasheet
585Kb / 11P
2-channel analog input; Thermocouple K; Diagnostics
753-469-003-000 WAGO-753-469-003-000 Datasheet
472Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
logo
Maxim Integrated Produc...
MAX31855EVKIT MAXIM-MAX31855EVKIT Datasheet
918Kb / 12P
Includes Everything Needed to Evaluate a K-Type Thermocouple
19-6072; Rev 0; 10/11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com