Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXC.16.B Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # FXC.16.B
Description  FXC.16.B Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.16.B Datasheet(HTML) 4 Page - Taoglas antenna solutions

  FXC.16.B Datasheet HTML 1Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 2Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 3Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 4Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 5Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 6Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 7Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 8Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SPE-24-8-100-A
www.taoglas.com
Electrical
Part Number
FXC.16.B.dg
FXC.16.52.0075X.B.dg
Frequency
13.56 MHz
13.56 MHz
La
1.03 µH
1.10 µH
Rs
2.83 ohm
2.74 ohm
Q Factor
30.89
33.90
Self-Resonance Frequency
705 MHz
744 MHz
Rp
96.44 kohm
48.21 kohm
Mechanical
Antenna Dimensions
Diameter: 16mm
Diameter: 16mm
RoHS Compliant
Yes
Yes
Adhesive
3M467 or 3M9460
3M467 or 3M9460
Connector
n/a
ACH(F)
Cable
n/a
Twisted Pair 28AWG - PVC
Weight
2.5 g
4 g
Environmental
Operation Temperature
-40°C to 85°C
-40°C to 85°C
Storage Temperature
-40°C to 85°C
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH
Non-condensing 65°C 95% RH
* Contact pads are gold plated copper. Base material is polyimide which can take heat from soldering for brief periods suitable for
attaching wires. Additional wire length will affect read range and result in different performance than that detailed in this document.
2.
Specifications
3.
Antenna Characteristics2.
Specifications
3.
Antenna Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics2.
Specifications
3.
Antenna Characteristics2.
Specifications
3.
Antenna Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics2.
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com