Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD57120 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD57120
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57120 Datasheet(HTML) 6 Page - STMicroelectronics

  SD57120 Datasheet HTML 1Page - STMicroelectronics SD57120 Datasheet HTML 2Page - STMicroelectronics SD57120 Datasheet HTML 3Page - STMicroelectronics SD57120 Datasheet HTML 4Page - STMicroelectronics SD57120 Datasheet HTML 5Page - STMicroelectronics SD57120 Datasheet HTML 6Page - STMicroelectronics SD57120 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
8.13
8.64
0.320
0.340
B
10.80
0.425
C
3.00
3.30
0.118
0.130
D
9.65
9.91
0.380
0.390
E
2.16
2.92
0.085
0.115
F
21.97
22.23
0.865
0.875
G
27.94
1.100
H
33.91
34.16
1.335
1.345
I
0.10
0.15
0.004
0.006
J
1.52
1.78
0.060
0.070
K
2.36
2.74
0.093
0.108
L
4.57
5.33
0.180
0.210
M
9.96
10.34
0.392
0.407
N
21.64
22.05
0.852
0.868
1022783C
M252 (.400 X .800 4L BAL N/HERM W/FLG) MECHANICAL DATA
Controlling dimension : Inches
SD57120
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com