Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H150X025HT Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # H150X025HT
Description  Military Grade Heat Shrink Labels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

H150X025HT Datasheet(HTML) 1 Page - PANDUIT CORP.

  H150X025HT Datasheet HTML 1Page - PANDUIT CORP. H150X025HT Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
Material:
Pre-cut, heat-shrinkable flattened polyolefin meets the material requirements
and physical properties of AMS-DTL-23053/5C (Class 1 and Class 3)
Print method:
Thermal transfer or dot-matrix
Service temperature
– 67°F to 275°F (– 67°C to 135°C)
range:
Shrink temperature:
194°F to 248°F (90°C to 120°C)
Printability:
Product meets print performance of MIL-M-81531 and MIL-STD-883E,
Notice 4, Method 2015.13 when printed with RMH4BL or RMR4BL
series thermal transfer ribbons
Tested for nuclear
Printed markers meet requirements for radiation exposure, thermal aging,
plant (class 1E)
and LOCA/MSLB environmental testing; test margins related to
harsh environments:
IEEE 323-2003 were used (white and yellow only)
Recommended ribbon:
Normal use: Hybrid – RMH4BL for TDP43MY series printer or RHH4BL-S
for TDP42HY series printer
Most durable use: Resin – RMR4BL for TDP43MY series printer
or RHR4BL-S for TDP42HY series printers
For use with black color heat shrink - White ribbon RMR4WH should be used
RoHS compliance:
Material is RoHS compliant per European Directive 2002/95/EC on the
Restriction of Hazardous Substances (RoHS)
Flammability:
Product passes UL 224 Standard, VW-1 for flammability
key features and benefits
applications
technical information
specifications
Military grade heat shrink labels shall be pre-cut,
heat-shrinkable flattened polyolefin and shall readily
accept thermal transfer print. The product shall meet
the material requirements and physical properties of
AMS-DTL-23053/5C (Class 1 and Class 3). Product
shall meet print performance of MIL-M-81531 and
MIL-STD-883E, Notice 4, Method 2015.13 when
printed with RMH4BL or RMR4BL series thermal
transfer ribbons. Product shall pass UL 224 standard
with a VW-1 for flammability.
Durable material
Enables use in harsh environments, meeting material requirements and
physical properties of AMS-DTL-23053/5C (Class 1 and Class 3), passing UL 224,
meeting print performance requirements of MIL-M-81531 and MIL-STD-883E,
Notice 4, Method 2015.13 and meeting testing requirements for nuclear plant
(Class 1E) harsh environments (white and yellow only)
Liner perforation
Allows heat shrink labels to be printed and removed one at a time with ease
Open end design
Wire/cable can be inserted directly into the label sleeve to reduce installation
and assembly time
Variety of colors
Available in white, yellow, black and red
3 to 1 shrink ratio
Provides fast shrinking and covers a wide range of wire diameters,
simplifying inventory
Labeling software
Generate labels quickly and easily with
PANDUIT ®EASY-MARK ™Labeling
capabilities
Software; labeling application tools assist in the creation of optimum
identifiers and labels for common applications, advanced importing and
bar-coding capabilities reduce errors and save time
PANDUIT military grade heat shrink labels
are designed to meet the wire and cable labeling
needs of organizations with high performance
requirements. The labels are pre-cut,
heat-shrinkable flattened polyolefin that readily
accept thermal transfer print. This solution provides
a lower operating temperature, more durable label
and printed legends that meet stringent military
standards and tests. The product meets the
material requirements and physical properties
of AMS-DTL-23053/5C (Class 1 and Class 3),
print performance of MIL-M-81531 and
MIL-STD-883E, Notice 4, Method 2015.13 when
printed with RMH4BL and RMR4BL-S thermal
transfer ribbons, passes UL 224 standard with a
VW-1 for flammability and meets testing
requirements for nuclear plant (Class 1E) harsh
environments (white and yellow only). When used
in conjunction with
PANDUIT ® EASY-MARK ™ Labeling
Software, time-savings and reduced errors can be
realized when creating legends and text.
Military Grade Heat Shrink Labels
®
SPECIFICATION SHEET
Military Grade Heat Shrink Labels
Nominal Size
Part Number
1/8" (3.1mm)
diameter:
H050X025H*T
H075X025H*T
H100X025H*T
H150X025H*T
H200X025H*T
3/16" (4.7mm)
diameter:
H050X034H*T
H075X034H*T
H100X034H*T
H150X034H*T
H200X034H*T
1/4" (6.3mm)
diameter:
H050X044H*T
H075X044H*T
H100X044H*T
H150X044H*T
H200X044H*T
3/8" (9.5mm)
diameter:
H050X064H*T
H100X064H*T
H200X064H*T
1/2" (12.7mm)
diameter:
H100X084H*T
H200X084H*T
1" (25.4mm)
diameter:
H100X165H*T
H200X165H*T
*Colors available, replace * with 1 (White),
2 (Yellow), 3 (Black), and 4 (Red).
Labeling Software
EASY-MARK™
Labeling
Software:
PROG-EMCD3
CAD-CONNECT ™
Labeling
Software:
PROG-CCCD
Thermal Transfer Desktop Printers
Medium volume
300 dpi:
TDP43MY
High volume
200 dpi:
TDP42HY
300 dpi:
TDP43HY
600 dpi:
TDP46HY


Similar Part No. - H150X025HT

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
H150X025H1T PANDUIT-H150X025H1T Datasheet
528Kb / 3P
PRODUCT CHANGE NOTIFICATION
20220725-1
H150X025H1T PANDUIT-H150X025H1T Datasheet
81Kb / 2P
Thermal Transfer Military Grade Heat Shrink Labels
H150X025H1T PANDUIT-H150X025H1T Datasheet
1Mb / 36P
Turn-Tell Labels
4/2017
H150X025H1T-B PANDUIT-H150X025H1T-B Datasheet
528Kb / 3P
PRODUCT CHANGE NOTIFICATION
20220725-1
H150X025H2T PANDUIT-H150X025H2T Datasheet
528Kb / 3P
PRODUCT CHANGE NOTIFICATION
20220725-1
More results

Similar Description - H150X025HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTH06BS103F ETC2-RTH06BS103F Datasheet
79Kb / 1P
NTC Military Grade Thermistors
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
Tyco Electronics
NBC-SCE-1K MACOM-NBC-SCE-1K Datasheet
239Kb / 2P
Heat-Shrink/Cable Markers
15532 MACOM-15532 Datasheet
286Kb / 4P
Heat-Shrink/Cable Markers
logo
List of Unclassifed Man...
SP254 ETC2-SP254 Datasheet
178Kb / 3P
Heat Shrink
logo
Tyco Electronics
EC6504-000 MACOM-EC6504-000 Datasheet
5Mb / 85P
TMS-SCE Military grade heat shrinkable wire identification sleeves
logo
List of Unclassifed Man...
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
logo
All Sensors Corporation
0.3PSI-G-4V-MIL-ND ASC-0.3PSI-G-4V-MIL-ND Datasheet
47Kb / 4P
Military Temperature Grade
Rev A
logo
TE Connectivity Ltd
ZHD-SCE TEC-ZHD-SCE Datasheet
2Mb / 4P
HEAT SHRINK IDENTIFICATION SYSTEM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com