Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SML-Z14X Datasheet(PDF) 2 Page - Rohm

Part # SML-Z14X
Description  SML-Z14x(C) Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14X Datasheet(HTML) 2 Page - Rohm

  SML-Z14X Datasheet HTML 1Page - Rohm SML-Z14X Datasheet HTML 2Page - Rohm SML-Z14X Datasheet HTML 3Page - Rohm SML-Z14X Datasheet HTML 4Page - Rohm SML-Z14X Datasheet HTML 5Page - Rohm SML-Z14X Datasheet HTML 6Page - Rohm SML-Z14X Datasheet HTML 7Page - Rohm SML-Z14X Datasheet HTML 8Page - Rohm SML-Z14X Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
    
[Data Sheet]
Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
    Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
[SML-Z14x(C) series]
Reference
0.0
1.0
2.0
3.0
4.0
0
10
20304050
6070
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
204060
80
100
10
100
1.6
1.8
2.0
2.2
2.4
Ta=25ºC
FORWARD VOLTAGE : VF [V]
IF=20mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
Ta=25ºC
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
SML-Z14VT(C)
SML-Z14UT(C)
SML-Z14DT(C)
SML-Z14YT(C)
SML-Z14MT(C)
SML-Z14FT(C)
SML-Z14PT(C)
SML-Z14VT(C)
SML-Z14UT(C)
SML-Z14DT(C)
SML-Z14YT(C)
SML-Z14MT(C)
SML-Z14FT(C)
SML-Z14PT(C)
SML-Z14VT(C)
SML-Z14UT(C)
SML-Z14DT(C)
SML-Z14YT(C)
SML-Z14MT(C)
SML-Z14FT(C)
SML-Z14PT(C)
0
20
40
60
80
-40
-20
0
20406080
100
SML-Z14VT(C)
SML-Z14UT(C)
SML-Z14DT(C)
SML-Z14YT(C)
SML-Z14MT(C)
SML-Z14FT(C)
SML-Z14PT(C)
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
2/10
2017.11 - Rev.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com