Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMLP1-0U2WT87 Datasheet(PDF) 4 Page - Rohm

Part # SMLP1-0U2WT87
Description  SML-MN2x(C) Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP1-0U2WT87 Datasheet(HTML) 4 Page - Rohm

  SMLP1-0U2WT87 Datasheet HTML 1Page - Rohm SMLP1-0U2WT87 Datasheet HTML 2Page - Rohm SMLP1-0U2WT87 Datasheet HTML 3Page - Rohm SMLP1-0U2WT87 Datasheet HTML 4Page - Rohm SMLP1-0U2WT87 Datasheet HTML 5Page - Rohm SMLP1-0U2WT87 Datasheet HTML 6Page - Rohm SMLP1-0U2WT87 Datasheet HTML 7Page - Rohm SMLP1-0U2WT87 Datasheet HTML 8Page - Rohm SMLP1-0U2WT87 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
■Chromaticity Diagram
[SML-MN2x(C) series]
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0 .26
0.2 7
0.28
0.29
0.30
0.31
0 .32
0.3 3
0.3 4
CIE x
0
3
2
4
1
5
(Ta=25℃、If=5mA)
xyxyxy
0.286
0.244
0.280
0.252
0.296
0.259
0.280
0.252
0.273
0.261
0.291
0.268
0.291
0.268
0.285
0.279
0.310
0.297
0.296
0.259
0.291
0.268
0.313
0.284
x
y
x
y
x
y
0.291
0.268
0.313
0.284
0.310
0.297
0.285
0.279
0.310
0.297
0.307
0.312
0.307
0.312
0.330
0.330
0.330
0.347
0.310
0.297
0.330
0.310
0.330
0.330
Measurement tolerance:±0.01
012
45
3
Blue(B)
(Ta=25ºC, IF=5mA)
KL
M
N
P
Q
RS
T
U
V
W
4.0〜6.3
6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000
White(WB)
(Ta=25ºC, IF=5mA)
KL
M
N
P
Q
RS
T
U
V
W
4.0〜6.3
6.3〜10
10〜16
16〜25
25〜40
40〜63
63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000
Iv (mcd)
SMLMN2WB1CW(C)
Rank
Rank
Iv (mcd)
SMLMN2BCT(C)
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
4/9
2017.11 - Rev.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com