Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VT6Z2 Datasheet(PDF) 1 Page - Rohm

Part # VT6Z2
Description  Power management (dual transistors)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VT6Z2 Datasheet(HTML) 1 Page - Rohm

  VT6Z2_V01 Datasheet HTML 1Page - Rohm VT6Z2_V01 Datasheet HTML 2Page - Rohm VT6Z2_V01 Datasheet HTML 3Page - Rohm VT6Z2_V01 Datasheet HTML 4Page - Rohm VT6Z2_V01 Datasheet HTML 5Page - Rohm VT6Z2_V01 Datasheet HTML 6Page - Rohm VT6Z2_V01 Datasheet HTML 7Page - Rohm VT6Z2_V01 Datasheet HTML 8Page - Rohm VT6Z2_V01 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VT6Z2
Power management (dual transistors)
Datasheet
<For Tr1(PNP)>
l
lOutline
Parameter
Value
 
VCEO
-50V
 
 
IC
-100mA
 
 
 
 
 
 
 
 
<For Tr2(NPN)>
VMT6
 
Parameter
Value
                     
VCEO
50V
IC
100mA
l
lFeatures
l
lInner circuit
1) General Purpose.
2) 2SCR523 and 2SAR523 chips in one package.
3) Transister elements are independent,
  eliminating interface.
4) Mounting cost and area can be cut in half.
l
lApplication
SWITCH, LED DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
VT6Z2
(VMT6)
1212
T2R
180
8
8000
Z2
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/9
20151204 - Rev.002


Similar Part No. - VT6Z2_V01

ManufacturerPart #DatasheetDescription
logo
Rohm
VT6Z2 ROHM-VT6Z2 Datasheet
221Kb / 5P
Power management (dual transistors)
More results

Similar Description - VT6Z2_V01

ManufacturerPart #DatasheetDescription
logo
Rohm
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
Power management (dual transistors)
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
Power management (dual transistors)
EMF8 ROHM-EMF8 Datasheet
83Kb / 5P
Power management (dual transistors)
UMY4N ROHM-UMY4N Datasheet
61Kb / 2P
Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
Power management (dual transistors)
VT6X1 ROHM-VT6X1_13 Datasheet
1Mb / 8P
Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
Power management (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com