Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2256-F-34 Datasheet(PDF) 12 Page - Saia-Burgess

Part # 2256-F-34
Description  Dormeyer® AC Laminates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

2256-F-34 Datasheet(HTML) 12 Page - Saia-Burgess

Back Button 2256-F-34 Datasheet HTML 4Page - Saia-Burgess 2256-F-34 Datasheet HTML 5Page - Saia-Burgess 2256-F-34 Datasheet HTML 6Page - Saia-Burgess 2256-F-34 Datasheet HTML 7Page - Saia-Burgess 2256-F-34 Datasheet HTML 8Page - Saia-Burgess 2256-F-34 Datasheet HTML 9Page - Saia-Burgess 2256-F-34 Datasheet HTML 10Page - Saia-Burgess 2256-F-34 Datasheet HTML 11Page - Saia-Burgess 2256-F-34 Datasheet HTML 12Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Dormeyer® Solenoids
www.dormeyer-solenoids.com 1.937.454.2345 Fax: 1.937.898.8624
33
0.036
(0.91)
Max.
0.525
± 0.020
(13.34
± 0.508)
0.130
± 0.005
(3.30
± 0.127)
Dia. (2 holes)
0.190
± 0.003
(4.83
± 0.076)
Dia. (2 holes)
0.785
± 0.030
(19.93
± 0.762)
0.090
± 0.003
(2.29
± 0.176)
0.375
(9.53)
Ref.
0.250
± 0.015
(6.35
± 0.381)
0.563
± 0.005
(14.30
± 0.127)
0.785
± 0.025
(19.94
± 0.635)
0.307
± 0.010
(7.8
± 0.254)
0.875
± 0.003
(22.23
± 0.076)
0.293
± 0.015
(7.44
± 0.381)
0.375
± 0.015
(9.53
± 0.381)
Swivel Link
Reinforced
Dormeyer® Laminate Dimensions
2.375
± 0.025
(60.33
± 0.635)
1.875
± 0.020
(47.63
± 0.508)
0.281
± 0.005
(7.14
± 0.127)
0.375
(9.53)
Ref.
2.937
± 0.015
(74.6
± 0.381)
1.500
± 0.015
(38.1
± 0.381)
0.875
± 0.005
(22.22
± 0.127)
0.293
± 0.015
(7.44
± 0.381)
0.375
± 0.015
(9.53
± 0.381)
0.075
± 0.005
(1.91
± 0.127)
0.985
± 0.020
(25.02
± 0.508)
0.250
± 0.015
(6.35
± 0.381)
1.000
± 0.005
(25.4
± 0.127)
2.000
± 0.005
(50.8
± 0.127)
2.973
± 0.015
(75.51
± 0.381)
0.785
± 0.025
(20
± 0.635)
0.375
± 0.005
(9.53
± 0.127)
Terminals
Solder Lugs
0.281
± 0.005
(7.14
± 0.127)
Dia. (4 Holes)
0.190
± 0.003
(4.83
± 0.076)
Dia. (2 Holes)
Size 3000 (1" Stack)
Size 3000 (1" Stack) Plunger Variations
Inches (mm)
All solenoids are illustrated in energized state
All specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com