Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMLE1-0U2B3 Datasheet(PDF) 2 Page - Rohm

Part # SMLE1-0U2B3
Description  SML-MN2x(C) Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLE1-0U2B3 Datasheet(HTML) 2 Page - Rohm

  SMLE1-0U2B3 Datasheet HTML 1Page - Rohm SMLE1-0U2B3 Datasheet HTML 2Page - Rohm SMLE1-0U2B3 Datasheet HTML 3Page - Rohm SMLE1-0U2B3 Datasheet HTML 4Page - Rohm SMLE1-0U2B3 Datasheet HTML 5Page - Rohm SMLE1-0U2B3 Datasheet HTML 6Page - Rohm SMLE1-0U2B3 Datasheet HTML 7Page - Rohm SMLE1-0U2B3 Datasheet HTML 8Page - Rohm SMLE1-0U2B3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
    Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
[SML-MN2x(C) series]
Reference
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
0.0
5.0
10.0
15.0
20.0
0.4
0.6
0.8
1
1.2
1.4
1.6
-40-30-20-10 0 10 20304050 60708090100
1
10
100
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
FORWARD VOLTAGE : VF [V]
IF=5mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
Ta=25ºC
SMLMN2BCT(C)
SMLMN2WB1CW(C)
SMLMN2BCT(C)
SMLMN2WB1CW(C)
SMLMN2BCT(C)
SMLMN2WB1CW(C)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
-40 -20
0
204060
80 100 120
SMLMN2BCT(C)
SMLMN2WB1CW(C)
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
2/9
2017.11 - Rev.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com