Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP1T32GS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T32GS
Description  Dual supply 2-input OR gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T32GS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1T32GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Nexperia
74AXP1T32
Dual supply 2-input OR gate
Table 11. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Fig. 12; for waveform, see Fig. 5.
VCCO
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter Conditions
Min Typ[1] Max Min Typ[1] Max Min Typ[1] Max
Unit
Tamb = 25 °C
A, B to Y
[2]
VCCI = 0.75 V to 0.85 V
2
14
69
2
14
77
2
15
89 ns
VCCI = 1.1 V to 1.3 V
2.4
6.9
10.9 2.2
6.3
9.6
2.1
6.0
9.1 ns
VCCI = 1.4 V to 1.6 V
2.1
6.0
9.1
2.0
5.4
8.2
1.9
5.0
7.7 ns
VCCI = 1.65 V to 1.95 V
2.0
5.6
8.6
1.8
4.9
7.6
1.8
4.6
7.2 ns
tpd
propagation
delay
VCCI = 2.3 V to 2.7 V
1.9
5.1
8.0
1.7
4.5
7.0
1.6
4.1
6.5 ns
Tamb = -40 °C to +85 °C
A, B to Y
[2]
VCCI = 0.75 V to 0.85 V
2
14
164
2
14
191
2
15
222 ns
VCCI = 1.1 V to 1.3 V
2.4
6.9
10.9 2.2
6.3
9.6
2.1
6.0
9.1 ns
VCCI = 1.4 V to 1.6 V
2.1
6.0
9.1
2.0
5.4
8.2
1.9
5.0
7.7 ns
VCCI = 1.65 V to 1.95 V
2.0
5.6
8.6
1.8
4.9
7.6
1.8
4.6
7.2 ns
tpd
propagation
delay
VCCI = 2.3 V to 2.7 V
1.9
5.1
8.0
1.7
4.5
7.0
1.6
4.1
6.5 ns
tt
transition
time
VCCI = 0.75 V to 2.7 V
[3] 1.0
-
-
1.0
-
-
1.0
-
-
ns
[1] Typical values are measured at nominal supply voltages and tamb = +25 °C.
[2] tpd is the same as tPLH and tPHL.
[3] tt is the same as tTHL and tTLH.
74AXP1T32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 28 February 2022
8 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com