Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAEBHC5E Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # IAEBHC5E
Description  IndustrialNet TX5e Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

IAEBHC5E Datasheet(HTML) 2 Page - PANDUIT CORP.

  IAEBHC5E Datasheet HTML 1Page - PANDUIT CORP. IAEBHC5E Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T est Results
©2019 Panduit Corp.
ALL RIGHTS RESERVED.
COSP233--WW-ENG
4/2019
1.487
(37.77)
5.336
(135.54)
1.305
(33.16)
1.487
(37.77)
5.336
(135.54)
IAEBH5E
Dimensions are in inches (Dimensions in parentheses are metric)
IndustrialNet™ TX5e™ Connectors
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
IAEBHC5E
Performance Test
Test Method
100MHz
Required Performance (dB)
100MHz
Typical Test Results (dB)
NEXT
Additional Transmission
Performance Specifica-
tions for 4-pair ohm
Category 5e Cabling,
ANSI/TIA-568-C.2
> 43
>45
FEXT
> 35
>37
Attenuation
< 0.40
<0.10
Return Loss
> 20
>30
Consult technical support for cable brand specific channel test results.
Mechanical Test
Test Method
Measurement
Required Performance
Low Level Circuit Resistance
IEC 512-2a
Resistance (mOhms)
<5
Dielectric Withstand Voltage
IEC 512-4a
1000VAC, 1 minute
Passed
Insulation Resistance
IEC 512-3a
Resistance (MOhms)
>1000
Mechanical Test
Test Method
Measurement
Required Performance
Temperature Life
IEC 512-9b
Circuit Resistance Change (mOhms)
<1
Humidity
IEC 512-11c
Circuit Resistance Change (mOhms)
<2
Thermal Shock
IEC 512-11d
Circuit Resistance Change (mOhms)
<5
Climactic Sequence
IEC 512-11a
Circuit Resistance Change (mOhms)
<5
Flowing Mixed Gas Corrosion
IEC 512-11g
Circuit Resistance Change (mOhms)
<5
3.75
(95.33)
1.18
(29.97)
5.22
(132.46)
MPSI588T
MPI588T
3.75
(95.33)
1.18
(29.97)
5.22
(132.46)
Mechanical Test
Test Method
Measurement
Required Performance
Normal Force
—
Load (grams)
>150
Vibration
IEC 512-6d
Circuit Resistance Change (mOhms)
<1
Shock
IEC 512-6c
Contact Disturbance (microsecond)
<1
Durability
IEC 512-9a
Circuit Resistance Change (mOhms)
<5
Mating/Unmating
IEC 512-13b
Mating Force (N)
<15
Unmating Force (N)
<15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com