Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAEBHUSBAA Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # IAEBHUSBAA
Description  IndustrialNet™ USB Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

IAEBHUSBAA Datasheet(HTML) 1 Page - PANDUIT CORP.

  IAEBHUSBAA Datasheet HTML 1Page - PANDUIT CORP. IAEBHUSBAA Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
Performance:
Complies with USB 2.0 specification and is backwards compatible to
USB 1.1 specification
Environmental
Protects and seals connections against dust, washdown, and water
protection:
immersion to ANSI/IEC 60529-2004; includes protective cap; vibration,
temperature, and chemical resistant
c(UL)US listed:
UL 1863, CSA C22.2 standard
RoHs compliant :
Compliant
key features and benefits
applications
technical information
specifications
Industrial USB couplers shall be applicable for use in
manufacturing environments and shall comply with the USB
2.0 specification. Bulkhead USB coupler shall incorporate
an IP67 rated seal and shall be designed to provide
protection from dust, washdown, and temporary immersion
in water typically found in harsh industrial environments.
Tethered protective cap shall ensure IP67 protection of the
coupler in the unmated condition.
Connector mounting nut
Secures bulkhead from inside of enclosure
Bayonet style interface
Provides positive reinforcement during mated condition;
rated to 100 mating cycles
Standard mounting
Compatible with standard IEC 1-13/64" (30.5mm) diameter
enclosure opening with panel thickness of 0.035 in.
(0.89mm) to 0.135 in. (3.43mm)
Protective cap
Maintains IP67 seal during un-mated conditions
Optional tamper-resistant
Removable and permanent blockout devices block
unauthorized access to USB Type ‘A’ ports, to provide
additional security from viruses being loaded and data
being removed through the USB port
The IndustrialNet™ USB Coupler is a key
component in an overall Industrial data
communications application. In most designs,
the bulkhead connector provides a
communication path to devices within a control
panel. Typically used in work cells requiring
the IP67 protection, where wash
down is needed. This is common in the food
and beverage industry where bacterial
contamination is present.
The bulkhead connector also offers high
temperature resilience, namely 185°F (85°C)
storage temperature and 158°F (70°C)
operating temperature. In manufacturing
facilities such as metal processing, welding,
and chemical batch processing, high
temperatures are normal. Vibration is also a
concern, as in automotive panel stamping
plants and work cells.
IndustrialNet™ USB Coupler
IndustrialNet ™ USB Coupler
Female A to
female A:
IAEBHUSBAA
IndustrialNet ™ Stainless Steel
Faceplates
Single gang:
IAEFP1
Double gang:
IAEFP2-2G
USB Type ‘A’ Blockout Devices
USB Type ‘A’
Blockout
Device:
PSL-USBA^
Permanent
USB Type ‘A’
Blockout
Device:
PSL-PERM-USBA^^
^PSL-USBA standard package includes
five blockout devices and one removal tool.
^^PSL-PERM-USBA standard package
includes ten blockout devices.
Bulk packages available, contact customer
service.
For additional IndustrialNet™ Components,
visit www.panduit.com or contact customer
service.
SPECIFICA TION SHEET


Similar Part No. - IAEBHUSBAA

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
IAEBHUSBAA PANDUIT-IAEBHUSBAA Datasheet
239Kb / 2P
Data Access Port
1/2019
More results

Similar Description - IAEBHUSBAA

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBOH-T-50-2000-11 AAC-JXWBOH-T-50-2000-11 Datasheet
34Kb / 1P
Coupler
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
MACP-010446-C80370 MA-COM-MACP-010446-C80370_15 Datasheet
174Kb / 4P
Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
logo
PowerDynamics, Inc
3353K00030 POWERDYNAMICS-3353K00030 Datasheet
342Kb / 1P
Metal Waterproof USB/A Coupler (IP68)
logo
Tripp Lite. All Rights ...
U325-000-IND TRIPPLITE-U325-000-IND Datasheet
167Kb / 3P
USB 3.0 Coupler, SuperSpeed, 3.0/3.1, Industrial - USB-A F/F, Shielded, IP67, Dust Cap, TAA
logo
PANDUIT CORP.
FDME8RG PANDUIT-FDME8RG Datasheet
260Kb / 1P
8-PORT INDUSTRIALNET DIN RAIL MOUNT FIBER ENCLOSURE
01-17-12
logo
STMicroelectronics
TCPP02-M18 STMICROELECTRONICS-TCPP02-M18 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
logo
WECO ELECTRICAL CONNECT...
110-M-241 WECO-110-M-241 Datasheet
339Kb / 2P
Coupler
07.13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com