Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAEBH6X Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # IAEBH6X
Description  IndustrialNet™ TX6A™ Patch Cords
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

IAEBH6X Datasheet(HTML) 1 Page - PANDUIT CORP.

  IAEBH6X Datasheet HTML 1Page - PANDUIT CORP. IAEBH6X Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
Industrial Ethernet patch cords shall be constructed of Category
6A, industrial grade, stranded, twisted pair cable for UTP and STP
installations. Each patch cord shall be pre-terminated to include
Category 6A industrial plugs on each end which are wired according
to the T568B standard. Patch cords shall include either industrial rated
IP65/IP67 bulkhead connectors on both ends or an industrial rated
IP65/IP67 bulkhead connector on one end with an IP20 rated RJ45
connector at the other end. Tethered caps shall be available on the
bulkhead connectors to protect connectivity in un-mated conditions.
An IP65/IP67 rating shall be achieved when mated with an IP65/IP67
and NEMA UL Type 12 industrial grade, bayonet style connector.
applications
IndustrialNet™ TX6A™ Patch Cords provide an ideal
solution to support industrial Ethernet from the Local
Area Network (LAN) based support offices to the
processing devices on the plant floor even under
harsh industrial conditions. Innovative design features
provide a secure, reliable connection for superior data
transmission in work cells where moisture and dust/
particles are encountered, in temperature extremes
and in applications with vibration.
Industrial bulkhead connection protects and seals
against dust and water immersion common in the food
and beverage industry where bacterial contamination
is present and light wash down is required. High
temperature resilience of up to 85°C storage and 70°C
operating offers reliable connection in manufacturing
facilities such as metal processing, welding, and
chemical batch processing where high temperatures
are normal. In automotive panel stamping plants and
work cells where vibration is a concern, the IndustrialNet™
TX6A™ Patch Cords protect the RJ45 mating.
IndustrialNet™ TX6A™ Patch Cords
SPECIFICATION SHEET
IndustrialNet™ TX6A™ Patch Cords
UTP with
bulkhead connector
on both ends:
IUTP6X1MBL*
UTP with
bulkhead connector
on one end:
IUTP6X1MBLR*
STP with
bulkhead connector
on both ends:
ISTP6X1MBL*
STP with
bulkhead connector
on one end:
ISTP6X1MBLR*
IndustrialNet™ TX6A™ Connectors
UTP:
IAEBH6X
STP:
IAEBH6XS
IndustrialNet™ Stainless
Steel Faceplates
Single gang:
IAEFP1
Double gang:
IAEFP2-2G
*For lengths 2, 3, 5 and 10 meters, change the
length designation in the part number to the
desired length. For example, the part number
for an STP patch cord with industrial bulkhead
connectors on both ends in 5 meter length
is ISTP6X5MBL.
key features and benefits
IP/NEMA/UL rated connection Withstands light wash down and temporary submerged conditions in
harsh factory environments without loss of performance when mated to
IP65/IP67 IndustrialNet™ Connectors
Bayonet style interface
Provides quick installation for lowest installed cost
Mated bayonet tactile lock
Ensures positive mating between the plug and connector; rated to 100
mating cycles enabling moves, adds and changes for future upgrades
Robust construction
Includes plug contact plated with 50 microinches of gold to support
reliable error-free data transmission
100% performance tested
Provides confidence that each patch cord delivers Category 6A
performance at the component level
Caps available for both
Protect disengaged connectivity from environmental harm preserving
receptacle and plug
connection integrity when plug is mated at a later time to the jack
Category 6A/Class EA
Exceeds channel and component requirements of
channel and component
ANSI/TIA-568-C.2 Category 6A and ISO11801 Class EA
performance:
standards at swept frequencies 1 to 500 MHz
IEC compliance:
Patch cords meets IEC 60603-7; housing meets IEC 61076-3-106;
Variant 1, conforms to ODVA mechanical specifications
Environmental protection: Industrial bulkhead connection protects and seals connections
against dust and water immersion to ANSI/IEC 60529-2004; vibration,
temperature and chemical resistant; shielded version further enhances
electromagnetic performance
FCC and
Meets ANSI/TIA-1096-A; contacts plated with 50 microinches
ANSI/TIA compliance:
of gold for superior performance
IP compliance:
Bulkhead connection rated IP65/IP67 for dust protection and temporary
liquid immersion
NEMA/UL compliance:
Bulkhead connection rated UL Type 12 to provide protection against
circulating dust, falling dirt, and dripping noncorrosive liquids
RoHS compliancy status:
Compliant
PoE compliance:
Meets IEEE 802.3af and IEEE 802.3at for PoE applications
Materials:
Constructed of 24 AWG STP stranded industrial grade cable, using UTP
or STP IndustrialNet™ TX6A™ Modular Plugs and IP65/IP67 housings
for UTP or STP patch cords respectively
Temperature rating:
-4°F to 158°F (-20°C to 70°C) during operation
technical information


Similar Part No. - IAEBH6X

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
IAEBH6 PANDUIT-IAEBH6 Datasheet
239Kb / 2P
Data Access Port
1/2019
IAEBH6S PANDUIT-IAEBH6S Datasheet
239Kb / 2P
Data Access Port
1/2019
More results

Similar Description - IAEBH6X

ManufacturerPart #DatasheetDescription
logo
ITT Industries
IP67RJI45 ITT-IP67RJI45 Datasheet
50Kb / 1P
Ethernet Patch Cords with connectors
logo
Pomona Electronics
72919 POMONA-72919 Datasheet
143Kb / 1P
2mm SAFETY Sheathed Patch Cords
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
SS-77100-015 BEL-SS-77100-015 Datasheet
1Mb / 2P
Category 8.2 Series Cable Jacks and Patch Cords
logo
HARTING Technology Grou...
09-14-001-4621 HARTING-09-14-001-4621 Datasheet
470Kb / 2P
Han RJ45 module, male for patch cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
CPP24FMWBLY PANDUIT-CPP24FMWBLY Datasheet
105Kb / 2P
TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com