Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5756M Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # TAS5756M
Description  Raspberry Pi DigiAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

TAS5756M Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  TAS5756M Datasheet HTML 1Page - Raspberry Pi Holdings PLC TAS5756M Datasheet HTML 2Page - Raspberry Pi Holdings PLC TAS5756M Datasheet HTML 3Page - Raspberry Pi Holdings PLC TAS5756M Datasheet HTML 4Page - Raspberry Pi Holdings PLC TAS5756M Datasheet HTML 5Page - Raspberry Pi Holdings PLC TAS5756M Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Raspberry Pi DigiAMP+ – Raspberry Pi Ltd
Physical specification
WARNINGS
•
This product should only be connected to a Raspberry Pi via the GPIO header.
•
Any external power supply used with this product should comply with relevant regulations and standards applicable
in the country of intended use.
•
This product should be operated in a well-ventilated environment. If used inside a case, the case should not be
covered.
•
Whilst in use, this product should be placed on a stable, flat, non-conductive surface, and should not be contacted by
conductive items.
•
The connection of incompatible devices to the Raspberry Pi DigiAMP+ may affect compliance, result in damage to the
unit, and invalidate the warranty.
•
The connection of incompatible devices to the GPIO connection of a Raspberry Pi computer may affect compliance
and result in damage to the unit and invalidate the warranty.
•
All peripherals used with this product should comply with relevant standards for the country of use, and should be
marked accordingly to ensure that safety and performance requirements are met.
•
The cables and connectors of all peripherals used with this product must have adequate insulation so that relevant
safety requirements are met.
•
Operation of this device requires adult supervision.
SAFETY INSTRUCTIONS
To avoid malfunction or damage to this product, please observe the following:
•
Do not expose the product to water or moisture, or place it on a conductive surface while it is in operation.
•
Do not expose the product to heat from any source; Raspberry Pi computers and the Raspberry Pi DigiAMP+ are
designed for reliable operation at normal ambient temperatures.
•
Take care whilst handling to avoid mechanical or electrical damage to the printed circuit board and connectors.
•
In order to minimise the risk of electrostatic discharge damage, avoid handling the Raspberry Pi DigiAMP+ while it is
powered. If it is necessary to do so, handle it only by the corners.
49.5
65
30.2
13.8
32.2
22
13.5
22
57
3.5
58
Note: all dimensions in mm
4 x M2.5 Holes in corners



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com