Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3810628 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 3810628
Description  PCB Mounting Thermocouple Connector Socket IM-K-PCB Type K IEC (Pack of 10)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

3810628 Datasheet(HTML) 1 Page - Labfacility Ltd

  3810628 Datasheet HTML 1Page - Labfacility Ltd 3810628 Datasheet HTML 2Page - Labfacility Ltd 3810628 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCB Mounting Thermocouple Connector Socket
IM-K-PCB Type K IEC (Pack of 10)
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - 3810628

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
Ultra-High Value Precision Resistors
logo
IRC - a TT electronics ...
3810 IRCTT-3810 Datasheet
129Kb / 2P
Ultra-High Value Precision Resistor
logo
Lumberg
3810 LUMBERG-3810 Datasheet
110Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
logo
TT Electronics.
3810 TTELEC-3810 Datasheet
443Kb / 2P
Low voltage coefficient
3810 TTELEC-3810 Datasheet
725Kb / 2P
Ultra-High Value Precision Resistors
More results

Similar Description - 3810628

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2111 ONSEMI-MUN2111 Datasheet
146Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
MUN2211 ONSEMI-MUN2211 Datasheet
140Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
August, 2012 ??Rev. 4
MUN2211 ONSEMI-MUN2211_14 Datasheet
149Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
February, 2014 ??Rev. 6
logo
Omron Electronics LLC
EE-SX1320 OMRON-EE-SX1320 Datasheet
1Mb / 6P
PCB surface mounting type.
logo
Adels-Contact
121610 ADELS-121610 Datasheet
120Kb / 2P
230 K/10
125610 ADELS-125610 Datasheet
121Kb / 2P
1000 K/10
128610 ADELS-128610 Datasheet
151Kb / 2P
2000 K/10
logo
WAGO Kontakttechnik Gmb...
753-469 WAGO-753-469 Datasheet
585Kb / 11P
2-channel analog input; Thermocouple K; Diagnostics
753-469-003-000 WAGO-753-469-003-000 Datasheet
472Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
logo
Maxim Integrated Produc...
MAX31855EVKIT MAXIM-MAX31855EVKIT Datasheet
918Kb / 12P
Includes Everything Needed to Evaluate a K-Type Thermocouple
19-6072; Rev 0; 10/11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com