Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IM-K-F-HTC Datasheet(PDF) 1 Page - Labfacility Ltd

Part # IM-K-F-HTC
Description  Miniature High-Temp (650C) Ceramic Thermocouple Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

IM-K-F-HTC Datasheet(HTML) 1 Page - Labfacility Ltd

  IM-K-F-HTC Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Heavy Duty Ceramic Body for use up to 650°C
All connectors are coloured White with dot colour coding on body.
Can be used with wires up to 0.8mm diameter
T/C
Plug/
Colour Code
нWŽƐŝƟǀ ĞŽŶƚĂĐƚ -E ĞŐĂƟǀ ĞŽŶƚĂĐƚWĂƌƚ
Farnell
Type
Socket
(IEC)
(alloy type)
(alloy type)
Code
Order Code
K
Plug
Green
+Nickel Chromium -Nickel Alloy
IM-K-M-HTC
859-8428
K
Socket
Green
+Nickel Chromium -Nickel Alloy
IM-K-F-HTC
859-8436
Miniature High-Temp (650C) Ceramic
Thermocouple Connectors
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
110/0414 Miniature High-Temp (650C) Ceramic Thermocouple Connectors


Similar Part No. - IM-K-F-HTC

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
IM-K-FF LABFACILITY-IM-K-FF Datasheet
968Kb / 2P
Miniature Panel Sockets
IM-K-FF LABFACILITY-IM-K-FF Datasheet
779Kb / 3P
Miniature Rectangular Thermocouple Connector Fascia Socket IM-K-FF Type K IEC (Pack of 10)
Mar-24
IM-K-FF + FMP-1 LABFACILITY-IM-K-FF + FMP-1 Datasheet
730Kb / 4P
IEC Miniature Thermocouple Panel Systems – Type K
Mar-24
IM-K-FF + FMP-1 LABFACILITY-IM-K-FF + FMP-1 Datasheet
723Kb / 4P
IEC Miniature Thermocouple Panel Systems – Type J
Mar-24
IM-K-FF + FMP-1 LABFACILITY-IM-K-FF + FMP-1 Datasheet
730Kb / 4P
IEC Standard Thermocouple Panel Systems – Type K
Mar-24
More results

Similar Description - IM-K-F-HTC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DN210-50P HIROSE-DN210-50P Datasheet
776Kb / 6P
HIGH DENSITY MINIATURE CONNECTORS
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
National Instruments Co...
NI9214 NI-NI9214 Datasheet
301Kb / 11P
High-Accuracy Thermocouple Module
logo
List of Unclassifed Man...
PCC-SMP-K ETC2-PCC-SMP-K Datasheet
654Kb / 1P
Circuit Board Thermocouple Connectors
205-TC ETC2-205-TC Datasheet
907Kb / 22P
THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
Hirose Electric
HR10 HIROSE-HR10 Datasheet
1Mb / 21P
High performance miniature circular connectors
HR12 HIROSE-HR12 Datasheet
2Mb / 16P
High Performance Miniature Circular Connectors
HR22 HIROSE-HR22 Datasheet
937Kb / 8P
High Performance, Miniature Circular Connectors
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
Thermocouple Connectors
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
Miniature Lightweight High Density Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com