Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD913F2-12J Datasheet(PDF) 46 Page - STMicroelectronics

Part # PSD913F2-12J
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-12J Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PSD913F2-12J Datasheet HTML 42Page - STMicroelectronics PSD913F2-12J Datasheet HTML 43Page - STMicroelectronics PSD913F2-12J Datasheet HTML 44Page - STMicroelectronics PSD913F2-12J Datasheet HTML 45Page - STMicroelectronics PSD913F2-12J Datasheet HTML 46Page - STMicroelectronics PSD913F2-12J Datasheet HTML 47Page - STMicroelectronics PSD913F2-12J Datasheet HTML 48Page - STMicroelectronics PSD913F2-12J Datasheet HTML 49Page - STMicroelectronics PSD913F2-12J Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
PSD9XX Family
Preliminary Information
42
The
PSD9XX
Functional
Blocks
(cont.)
9.4 I/O Ports
There are four programmable I/O ports: Ports A, B, C, and D. Each of the ports is eight
bits except Port D, which is 3 bits. Each port pin is individually user configurable, thus
allowing multiple functions per port. The ports are configured using PSDsoft or by the
microcontroller writing to on-chip registers in the CSIOP address space.
The topics discussed in this section are:
• General Port Architecture
• Port Operating Modes
• Port Configuration Registers
• Port Data Registers
• Individual Port Functionality.
9.4.1 General Port Architecture
The general architecture of the I/O Port is shown in Figure 19. Individual Port architectures
are shown in Figures 20 through 22. In general, once the purpose for a port pin has been
defined, that pin will no longer be available for other purposes. Exceptions will be noted.
As shown in Figure 19, the ports contain an output multiplexer whose selects are driven
by the configuration bits in the Control Registers (Ports A and B only) and PSDsoft. Inputs
to the multiplexer include the following:
t Output data from the Data Out Register
t Latched address outputs
t General Purpose PLD (GPLD) outputs (external chip selects)
The Port Data Buffer (PDB) is a tri-state buffer that allows only one source at a time to be
read. The PDB is connected to the Internal Data Bus for feedback and can be read by the
microcontroller. The Data Out, Direction and Control Registers, and port pin input are all
connected to the PDB.
The contents of these registers can be altered by the microcontroller. The PDB feedback
path allows the microcontroller to check the contents of the registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com