Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1590WNF.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1590WNF..
Description  Diecast Aluminum Enclosures 1590-RIBBED Series With Internal Ribs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590WNF.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590WNF.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590WNF.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/31/2018
Diecast Aluminum Enclosures (1590-RIBBED Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/diecast/1590-ribbed
1/2
Replacement Hardware
Tamper-proof Hardware Upgrade (Torx w/
Pin)
Each kit includes two pre-formed silicone gaskets.
Gaskets include adhesive backing for easy installation.
Allows enclosure to be machined and/or painted first and
gasketed later.
Gasket is applied to the lid.
Designed to meet IP65 with properly installed gasket and lid
screws torqued to 25-30 cN.m (36-43 ozf.in).
Refer to part number table below for correct gasket.
Diecast Aluminum Enclosures 1590-RIBBED Series
With Internal Ribs
Features
Rugged, diecast aluminum alloy (tough - yet easy to machine), electronic instrument
enclosure.
Lap joint construction provides protection against access of dust and splashing water.
Also provides for improved EMI/RFI shielding.
Unpainted version is vibra finished for a smooth surface with no sharp edges.
Satin black painted version is painted with tough polyester powder paint for a lasting
finish, even after machining. Black screws are included to enhance appearance.
Includes screws threaded into factory-tapped holes. Screw type and quantity vary. See
details below or in drawings.
Standard versions are designed to meet IP54.
Water-tight versions are designed to meet IP65.
Low side wall draft angle (2 degrees or less) for easy P.C. board mounting.
Hardware
NOTE: 1590 series enclosures feature factory-tapped assembly screw holes that accept machine
screws, which are included with the enclosures.
See "Hardware" table below for compatibility.
Gaskets
NOTE: Gaskets are included with watertight 1590 enclosures. They can also be purchased as a
kit if you'd like to upgrade an IP54 enclosure to IP65. Not available for all sizes.
Notes
Lid height is 0.16" (4 mm).
Quality Products. Service Excellence.


Similar Part No. - 1590WNF..

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1590WNF ETC2-1590WNF Datasheet
169Kb / 3P
P.C. Card Guide (1590 Series)
1590WNFBK ETC2-1590WNFBK Datasheet
169Kb / 3P
P.C. Card Guide (1590 Series)
1590WNFL ETC2-1590WNFL Datasheet
169Kb / 3P
P.C. Card Guide (1590 Series)
1590WNFLBK ETC2-1590WNFLBK Datasheet
169Kb / 3P
P.C. Card Guide (1590 Series)
More results

Similar Description - 1590WNF..

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
DIECAST ALUMINUM ENCLOSURES
logo
List of Unclassifed Man...
R507-122-000 ETC2-R507-122-000 Datasheet
34Kb / 2P
ACCESSORIES For Aluminum Enclosures (Use with series R100, R101 R102)
logo
Hammond Manufacturing L...
R100-200-000 HAMMOND-R100-200-000 Datasheet
36Kb / 1P
MATERIAL - DIECAST ALUMINUM ALLOY FOUR M14 CAPTIVE SCREWS
R100-060-000 HAMMOND-R100-060-000 Datasheet
34Kb / 1P
MATERIAL-DIECAST ALUMINUM ALLOY-TWO M9 CAPTIVE SCREWS
R100-242-000 HAMMOND-R100-242-000 Datasheet
34Kb / 1P
MATERIAL - DIECAST ALUMINUM ALLY - FOUR M14 CAPTIVE SCREWS
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
Amphenol Corporation
P-MRJR-33XX-X1 AMPHENOL-P-MRJR-33XX-X1 Datasheet
87Kb / 2P
SHELL-DIECAST ZINC
P-MRJR-53XX-X1 AMPHENOL-P-MRJR-53XX-X1 Datasheet
190Kb / 2P
SHELL-DIECAST ZINC
P-MRJR-54XX-XF AMPHENOL-P-MRJR-54XX-XF Datasheet
89Kb / 2P
SHELL-DIECAST ZINC
logo
Hammond Manufacturing L...
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com