Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTM110C2 Datasheet(PDF) 1 Page - HellermannTyton.

Part # CTM110C2
Description  Cable Tie Mount, 0.19" Hole Dia., 0.2" Max Tie Width, PA66, White, 100/pkg
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

CTM110C2 Datasheet(HTML) 1 Page - HellermannTyton.

  CTM110C2 Datasheet HTML 1Page - HellermannTyton. CTM110C2 Datasheet HTML 2Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Download spec sheet
CTM110C2
Article Number: 151-30404
Cable Tie Mount, 0.19" Hole Dia., 0.2" Max Tie Width, PA66, White, 100/pkg
Local Order Number
Type
Color
Features and Benefits
Product Description
Short Description
CTM110C2
CTM1
White (WH)
• Designed for use with 18 through 50 pound cable ties to provide stability when securing bundles.
• Secures with a single screw providing quick installation.
HellermannTyton cable tie mounts are designed for use with 18 through 120 pound cable ties to provide stability
when securing bundles. The mounts are installed quick and easy by securing a single screw.
Cable Tie Mount, 0.19" Hole Dia., 0.2" Max Tie Width, PA66, White, 100/pkg
Length L (Imperial)
Length L (Metric)
Fixation Method
Width W (Imperial)
Width W (Metric)
Cable Tie Width Max. (Imperial)
Cable Tie Width Max. (Metric)
Height H (Imperial)
Height H (Metric)
Mounting Hole Diameter D (Imperial)
Mounting Hole Diameter D (Metric)
Mounting Hole Diameter D Max.
(Metric)
Mounting Hole Diameter D Min. (Metric)
0.58 "
14.7 mm
Screw Mounting and Rivet
0.37 "
9.4 mm
0.2 "
5.0 mm
0.27 "
6.9 mm
0.19 "
4.8 mm
4.8 mm
4.8 mm
Quantity Per
Package Quantity (Metric)
Carton Quantity
bag
100 Pieces
10000
Material
Material Shortcut
Flammability
Polyamide 6.6 (PA66)
PA66
UL94 V2
Base Data
Product Dimensions
Logistics and Packaging
Material and Specifications


Similar Part No. - CTM110C2

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
CTM1040 REICU-CTM1040 Datasheet
180Kb / 1P
Rec-Send
REV:13.3
CTM1040T REICU-CTM1040T Datasheet
180Kb / 1P
Rec-Send
REV:13.3
CTM1050 REICU-CTM1050 Datasheet
199Kb / 1P
Rec-Send
REV:13.3
CTM1050T REICU-CTM1050T Datasheet
199Kb / 1P
Rec-Send
REV:13.3
logo
List of Unclassifed Man...
CTM10C2 ETC-CTM10C2 Datasheet
141Kb / 4P
Cable Tie Anchor Mount, .58
More results

Similar Description - CTM110C2

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
T18I9M4 HELLERMANNTYTON-T18I9M4 Datasheet
75Kb / 4P
Cable Tie, 5.5 Long, UL Rated, 18lb Tensile Strength, PA66, Natural, 1000/pkg
2021
T18L0M4 HELLERMANNTYTON-T18L0M4 Datasheet
123Kb / 4P
Cable Tie, 8 Long, UL Rated, 18lb Tensile Strength, PA66, Black, 1000/pkg
2021
T18L9M4 HELLERMANNTYTON-T18L9M4 Datasheet
74Kb / 4P
Cable Tie, 8 Long, UL Rated, 18lb Tensile Strength, PA66, Natural, 1000/pkg
2022
T18R0C2 HELLERMANNTYTON-T18R0C2 Datasheet
123Kb / 4P
Cable Tie, 4 Long, UL Rated, 18lb Tensile Strength, PA66, Black, 100/pkg
2022
T18R9C2 HELLERMANNTYTON-T18R9C2 Datasheet
67Kb / 4P
Cable Tie, 4 Long, UL Rated, 18lb Tensile Strength, PA66, Natural, 100/pkg
2022
T30L9M4 HELLERMANNTYTON-T30L9M4 Datasheet
109Kb / 4P
Cable Tie, 8" Long, UL Rated, 30lb Tensile Strength, PA66, Natural, 1000/pkg
2021
T30R0C2 HELLERMANNTYTON-T30R0C2 Datasheet
118Kb / 4P
Cable Tie, 6 Long, UL Rated, 30lb Tensile Strength, PA66, Black, 100/pkg
2021
T30R9M4 HELLERMANNTYTON-T30R9M4 Datasheet
110Kb / 4P
Cable Tie, 6 Long, UL Rated, 30lb Tensile Strength, PA66, Natural, 1000/pkg
2022
T50I0C2 HELLERMANNTYTON-T50I0C2 Datasheet
65Kb / 4P
Cable Tie, 12 Long, UL Rated, 50lb Tensile Strength, PA66, Black, 100/pkg
2022
T50I0M4 HELLERMANNTYTON-T50I0M4 Datasheet
65Kb / 4P
Cable Tie, 12 Long, UL Rated, 50lb Tensile Strength, PA66, Black, 1000/pkg
2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com