Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASH45 Datasheet(PDF) 1 Page - HellermannTyton.

Part # ASH45
Description  u l a t e d J u n c t i o n B o x e s
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

ASH45 Datasheet(HTML) 1 Page - HellermannTyton.

  ASH45 Datasheet HTML 1Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
129
5.14
Enclosur es
Distribution Boards
5.13
Enclosur es
Insulated Junction Boxes
Y
C Series IP-40, IP-55 Distribution Boards
Reference
Description
Dimensions
CT2
1-2 pole
51 x 130 x 60
CT4
3-4 pole
88 x 130 x 60
Surface Mounting Without Door - IP-40
Reference
Description
Dimensions
CT3G
3 pole
83 x 175 x 114
CT5G
5 pole
125 x 175 x 114
CT8G
8 pole
215 x 175 114
CT12G
12+1 pole
287 x 200 x 122
Wall Mounting Enclosures - IP-55
Reference
Description
Dimensions
CT24GL
24 way
285 x 375 x 136
CT36GL
36 way
285 x 500 x 136
Distribution Boards With Provision For CEE Sockets - IP-65
Reference
Description
Pack Qty
CTR3
For CT5G - CT5SG - CT5GT
10
CTR4
For CT8G - CT8SG - CT8GT - CT12G
10
CT12SG - CT12SG1 - CT12GT
CTR5
For CT3G
10
Terminal Bar Supports In Polycarbonate (960ºC G.W. Test)
Reference
Description
Pack Qty
CTR6
For CT24L - CT36L
10
CTR9
For CT5-CT5PT-CT5PT/C
10
( 1 piece steel + 1 SUM 1)
CTR10
For CT8-CT8PT-CT8PT/C
10
( 1 piece steel + 1 SUM 1)
CTR11
For CT12-PT-PT/C
10
( 1 piece steel + 1 SUM 1)
CTR12
For CT24/36-PT-PO-PT/C-PO/C
10
( 1 piece steel + 1 SUM 2)
Terminal Bar Supports In Polycarbonate (960ºC G.W.Test)
Reference
Description
Dimensions
CT5PT
4 + 1 smooth sides
144 x 168 x 94
CT8PT
8 smooth sides
215 x 168 x 94
CT12PT
12 + 1 smooth sides
283 x 168 x 94
CT24PT
24 smooth sides
256 x 326 x 101
Surface Mounting - Complete With Transparent Door - IP40
Reference
Description
Dimensions
CT12NS
12 way
285 x 250 x 136
CT24NS
24 way
285 x 375 x 136
Wall Mounting Distribution Boards - IP-55
128
P
A Series IP-44, IP-55, IP-56 Junction Boxes
Reference
Description
A1
ø 65 x 35 (round)
A2
ø 80 x 35 (round)
A3
80 x 80 x 40
With Stepped Glands and Press Fit Lids - IP-44
Reference
Description
AS05
120 x 80 x 60
AS15
100 x 100 x 60
AS25
150 x 100 x 60
AS35
190 x 140 x 70
AS45
240 x 190 x 90
AS55*
300 x 220 x 120
AS65*
380 x 300 x 120
*Lid fixing by means of plastic screws; box complete of plastic hinge.
With Smooth Walls and Grey Screw on Lids - IP-56
Reference
Description
AS25T
150 x 100 x 60
AS35T
190 x 140 x 70
AS45T
240 x 190 x 90
AS55T*
300 x 220 x 120
AS65T*
380 x 300 x 120
*Lid fixing by means of plastic screws; box complete of plastic hinge.
With Smooth Walls and Transparent Screw On Lids - IP-56
Reference
Description
ASH15
110 x 110 x 112
ASH25
150 x 110 x 150
ASH35
150 x 150 x 150
ASH45
220 x 150 x 150
ASH55
300 x 220 x 150
*Lid fixing by means of plastic screws; box complete of plastic hinge.
High Lid With Smooth Walls and Grey Screw On Lids - IP-55
Reference
Description
ASH15T
110 x 110 x 112
ASH25T
150 x 110 x 150
ASH35T
150 x 150 x 150
ASH45T
220 x 150 x 150
ASH55T
300 x 220 x 150
High Transparent Lid With Smooth Walls and Grey Screw On Lids - IP-55
Reference
Description
PB1
for boxes AS3 - 35 - 35T
PB2
for boxes AS4 - 45 - 45T
PB3
for boxes AS5 - 55 - 55T
PB4
for boxes AS6 - 65 - 65T
PB5
for boxes ASH15 - ASH15T
PB6
for boxes ASH25 - ASH25T
PB7
for boxes ASH35 - ASH35T
PB8
for boxes ASH45 - ASH45T
PB9
for boxes ASH55 - ASH55T
Metal Plate


Similar Part No. - ASH45

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
ASH45 HELLERMANNTYTON-ASH45 Datasheet
962Kb / 1P
A Range IP44, IP55, IP56 Junction Boxes
More results

Similar Description - ASH45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YTV-F1 ETC1-YTV-F1 Datasheet
158Kb / 2P
A u t o m a t e d P C B I n s p e c t i o n
logo
E-Tech Electronics LTD
G431 ETL-G431 Datasheet
292Kb / 3P
A d j u s t a b l e S h u n t R e g u l a t o r
G431M ETL-G431M Datasheet
294Kb / 3P
A d j u s t a b l e S h u n t R e g u l a t o r
G432 ETL-G432 Datasheet
295Kb / 5P
A d j u s t a b l e S h u n t R e g u l a t o r
GM431 ETL-GM431 Datasheet
307Kb / 3P
A d j u s t a b l e S h u n t R e g u l a t o r
GM432 ETL-GM432 Datasheet
326Kb / 5P
A d j u s t a b l e S h u n t R e g u l a t o r
GTL431 ETL-GTL431 Datasheet
226Kb / 3P
A d j u s t a b l e S h u n t R e g u l a t o r
GTL432 ETL-GTL432 Datasheet
253Kb / 5P
A d j u s t a b l e S h u n t R e g u l a t o r
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com